Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC0820ACNE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC0820ACNE4
Description  Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC0820ACNE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC0820ACNE4 Datasheet HTML 2Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 3Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 4Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 5Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 6Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 7Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 8Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 9Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, Vref+ = 5 V, Vref– = 0, tr = tf = 20 ns, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
kSVS
Supply-voltage sensitivity
VCC = 5 V ± 5%,
TA = MIN to MAX
±1/16
±1/4
LSB
Total unadjusted error‡
MODE at 0 V,
TA = MIN to MAX
1
LSB
tconv(R) Conversion time, read mode
MODE at 0 V,
See Figure 1
1.6
2.5
µs
ta(R)
Access time, RD
↓ to data valid
MODE at 0 V,
See Figure 1
tconv(R)
+20
tconv(R)
+50
ns
t (R1)
Access time RD
↓ to data valid
MODE at 5 V,
td(WR) <td(i )
CL = 15 pF
190
280
ns
ta(R1)
Access time, RD
↓ to data valid
td(WR) < td(int),
See Figure 2
CL = 100 pF
210
320
ns
t (R2)
Access time RD
↓ to data valid
MODE at 5 V,
td(WR) >td(i )
CL = 15 pF
70
120
ns
ta(R2)
Access time, RD
↓ to data valid
td(WR) > td(int),
See Figure 3
CL = 100 pF
90
150
ns
ta(INT)
Access time, INT
↓ to data valid
MODE at 5 V,
See Figure 4
20
50
ns
tdis
Disable time RD
↑ to data valid
RL = 1 kΩ,
CL = 10 pF,
70
95
ns
tdis
Disable time, RD
↑ to data valid
See Figures 1, 2, 3, and 5
70
95
ns
td(int)
Delay time WR/RDY
↑ to INT↓
MODE at 5 V,
CL = 50 pF,
800
1300
ns
td(int)
Delay time, WR/RDY
↑ to INT↓
See Figures 2, 3, and 4
800
1300
ns
td(NC)
Delay time, to next conversion
See Figures 1, 2, 3, and 4
500
ns
td(WR)
Delay time, WR/RDY
↑ to RD↓ in
write-read mode
See Figure 2
0.4
µs
td(RDY)
Delay time CS
↓ to WR/RDY↓
MODE at 0 V,
CL = 50 pF,
50
100
ns
td(RDY)
Delay time, CS
↓ to WR/RDY↓
See Figure 1
50
100
ns
td(RIH)
Delay time, RD
↑ to INT↑
CL = 50 pF,
See Figures 1, 2, and 3
125
225
ns
td(RIL)
Delay time RD
↓ to INT↓
MODE at 5 V,
td(WR) < td(int),
200
290
ns
td(RIL)
Delay time, RD
↓ to INT↓
See Figure 2
200
290
ns
td(WIH)
Delay time WR/RDY
↑ to INT↑
MODE at 5 V,
CL = 50 pF,
175
270
ns
td(WIH)
Delay time, WR/RDY
↑ to INT↑
See Figure 4
175
270
ns
Slew-rate tracking
0.1
V/
µs
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ Total unadjusted error includes offset, full-scale, and linearity errors.


Similar Part No. - TLC0820ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820ACNE4 TI-TLC0820ACNE4 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACNE4 TI1-TLC0820ACNE4 Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

Similar Description - TLC0820ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820AC TI1-TLC0820AC_14 Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_06 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com