Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SH14FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH14FE
Description  SCHMITT INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH14FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH14FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SH14FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SH14FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SH14FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SH14FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SH14FE
2004-02-08
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH14FE
SCHMITT INVERTER
Features
Weight: 0.003 g (typ.)
• Super high speed operation :tPD = 5.5 ns (typ.)
@VCC = 5 V
• Low power dissipation : ICC = 2 µA (Max.)
@ Ta = 25°C
• 5.5V tolerant input.
Wide operation voltage range : VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
5
2
4
3
1
Type name
H
A
NC
VCC
IN A
GND
OUT Y
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~7
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
150
mW
Storage temperature
Tstg
−65~150
°C


Similar Part No. - TC7SH14FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7SH14FS TOSHIBA-TC7SH14FS Datasheet
179Kb / 6P
   SCHMITT INVERTER
TC7SH14FU TOSHIBA-TC7SH14FU Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7SH14FU TOSHIBA-TC7SH14FU_09 Datasheet
172Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F_09 Datasheet
172Kb / 6P
   Schmitt Inverter
More results

Similar Description - TC7SH14FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
   Schmitt Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
   Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
   SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
   Schmitt Inverter
TC7SZ14F TOSHIBA-TC7SZ14F_07 Datasheet
169Kb / 6P
   Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
   SCHMITT INVERTER
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
   SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com