Electronic Components Datasheet Search |
|
TMP86CH06AUG Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TMP86CH06AUG Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 158 page Page 3 TMP86CH06AUG Differences between the TMP86CH06AUG and the TMP86CH06U The following table shows the function and specification differences between the TMP86CH06AUG and its previ- ous version TMP86CH06U/UG. Please be careful about these differences if you have switched from the TMP86CH06U to the TMP86CH06AUG. Also, there is correction in data sheet of the TMP86CH06AUG. The following name of control registers or bits is different from TMP86CH06U. However, the contents of them are the same as TMP86CH06U. Therefore, the same software can be used for TMP86CH06AUG, if you have switched from the TMP86CH06U to the TMP86CH06AUG. Differences in characteristics Item TMP86CH06AUG TMP86CH06U CGCR register Not disclosed (Reserved) CGCR register 0030H Clock gear Not to be set Writing is prohibited, and reading yields an undefined value. To be set CGCR<FCGCK> DV1CK Do not set. To be set CGCR<DV1CK> DVCK Do not set. To be set CGCR<DVCK> Output level (ALE pin only) High 2.2 V Low Vdd/2 CL = 50 pF High 2.2 V Low 0.8V CL = 50 pF AC characteristic (tACH) 1.5 t –35 ns (min) 58 ns 1.5 t –25 ns (min) 11 ns AC characteristic (tCA) 0.5 t –32 ns (min) 0 ns 0.5 t –20 ns (min) 11 ns Operating temperature (Topr) 1.8 V ≤ VDD < 2.0 V : Topr = - 20 to 85 °C 2.0 V ≤ VDD ≤ 5.5 V : Topr = - 40 to 85 °C 1.8 V ≤ VDD ≤ 5.5 V : Topr = - 40 to 85 °C Correction in Data sheet Item TMP86CH06AUG TMP86CH06U/UG Guaranteed VDD in external bus mode Added "VDD = 4.5 V to 5.5 V" to AC Charac- teristics Lack of condition Name of control registers or bits Name of register or control bit TMP86CH06AUG TMP86CH06U Bit 7 in INTSEL IL8ER INTRX0ER Bit 3 in INTSEL IL12ER INTOC0ER Bit 2 in INTSEL IL13ER INTRX1ER Bit 1 in INTSEL IL14ER INTTXDER Bit 0 in INTSEL IL15ER INT5ER UART0 control register 1 UART0CR1 UART0CRA UART0 control register 2 UART0CR2 UART0CRB UART1 control register 1 UART1CR1 UART1CRA UART1 control register 2 UART1CR2 UART1CRB SIO data buffer SIOBRx (x=0 to 7) SIODBR |
Similar Part No. - TMP86CH06AUG |
|
Similar Description - TMP86CH06AUG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |