Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN5110A0HN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PN5110A0HN
Description  Transmission Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN5110A0HN Datasheet(HTML) 4 Page - NXP Semiconductors

  PN5110A0HN Datasheet HTML 1Page - NXP Semiconductors PN5110A0HN Datasheet HTML 2Page - NXP Semiconductors PN5110A0HN Datasheet HTML 3Page - NXP Semiconductors PN5110A0HN Datasheet HTML 4Page - NXP Semiconductors PN5110A0HN Datasheet HTML 5Page - NXP Semiconductors PN5110A0HN Datasheet HTML 6Page - NXP Semiconductors PN5110A0HN Datasheet HTML 7Page - NXP Semiconductors PN5110A0HN Datasheet HTML 8Page - NXP Semiconductors PN5110A0HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
082733
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 June 2007
4 of 22
NXP Semiconductors
PN511
Transmission Module
4.
Quick reference data
[1]
Supply voltage below 3 V reduces the performance (e.g. the achievable operating distance).
[2]
AVDD, DVDD and TVDD shall always be on the same voltage level.
[3]
PVDD shall always be on the same or lower voltage level than DVDD.
[4]
ITVDD depends on TVDD and the external circuitry connected to Tx1 and Tx2
[5]
IPVDD depends on the overall load at the digital pins.
[6]
During operation with a typical circuitry the overall current is below 100 mA.
[7]
ISPD and IHPD are the total currents over all supplies.
[8]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between TX1 and TX2 at 13.56 MHz
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AVDD
Supply Voltage
AVSS = DVSS = PVSS= TVSS = 0 V,
PVDD ≤ AVDD = DVDD =TVDD
[1][2]
2.5
-
3.6
V
DVDD
[1][2]
TVDD
[1][2]
PVDD
[3]
1.6
-
3.6
V
IHPD
Hard Power-down Current
AVDD = DVDD =
TVDD = PVDD = 3 V,
NRESET = LOW
[7]
-
-
5
μA
ISPD
Soft Power-down Current
AVDD = DVDD = TVDD = PVDD =
3 V, RF level detector on
[7]
-
-
10
μA
IDVDD
Digital Supply Current
DVDD = 3 V
-
6.5
9
mA
IAVDD
Analog Supply Current
AVDD = 3 V, bit RCVOff = 0
-
7
10
mA
IAVDD,RCVOFF
Analog Supply Current,
receiver switched off
AVDD = 3 V, bit RCVOff = 1
-
3
5
mA
IPVDD
Pad Supply Current
[5]
-
-
40
mA
ITVDD
Transmitter Supply Current
Continuous Wave
[4][6][8]
-
60
100
mA
Tamb
operating ambient temperature
-30
+85
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PN5110A0HN1/C2
HVQFN32
Plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617
PN5110A0HN/C2
HVQFN40
Plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
× 6× 0.85 mm
SOT618


Similar Part No. - PN5110A0HN

ManufacturerPart #DatasheetDescription
logo
Micross Components
PN5114 MICROSS-PN5114 Datasheet
308Kb / 1P
   Linear Systems replaces discontinued Siliconix PN5114
PN5114_TO-92 MICROSS-PN5114_TO-92 Datasheet
308Kb / 1P
   P-CHANNEL JFET
PN5115 MICROSS-PN5115 Datasheet
307Kb / 1P
   Linear Systems replaces discontinued Siliconix PN5115
PN5115_TO-92 MICROSS-PN5115_TO-92 Datasheet
307Kb / 1P
   P-CHANNEL JFET
PN5116 MICROSS-PN5116 Datasheet
281Kb / 1P
   Linear Systems replaces discontinued Siliconix PN5116
More results

Similar Description - PN5110A0HN

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
   BLE Transparent Transmission Module
logo
TE Connectivity Ltd
CAT-ATS0037 TEC-CAT-ATS0037 Datasheet
95Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
CAT-ATS0036 TEC-CAT-ATS0036 Datasheet
113Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
CAT-ATS0035 TEC-CAT-ATS0035 Datasheet
88Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
logo
NXP Semiconductors
PN531 PHILIPS-PN531 Datasheet
454Kb / 19P
   關C based Transmission module
February 2004
logo
Panasonic Semiconductor
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
   Optical Transmission Module for IrDA
logo
NXP Semiconductors
PN512 NXP-PN512_11 Datasheet
841Kb / 125P
   Transmission module Integrated data mode detector
Rev. 3.7-18 May 2011
logo
Toshiba Semiconductor
TORX186 TOSHIBA-TORX186 Datasheet
152Kb / 8P
   FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
TORX180 TOSHIBA-TORX180 Datasheet
159Kb / 9P
   FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
logo
List of Unclassifed Man...
AB46 ETC2-AB46 Datasheet
125Kb / 6P
   Transmission Engineering Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com