Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND431621 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # ND431621
Description  POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND431621 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  ND431621 Datasheet HTML 1Page - Powerex Power Semiconductors ND431621 Datasheet HTML 2Page - Powerex Power Semiconductors ND431621 Datasheet HTML 3Page - Powerex Power Semiconductors ND431621 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
210 Amperes / Up to 2000 Volts
Revision Date: 11/1/2001
ND43__21
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 2000
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=92°C
IT(RMS)
330
A
Average Forward Current
180° Conduction, TC=92°C
IT(AV)
210
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied,Tj=130C
60 Hz, No VRRM reapplied,Tj=130C
60 Hz, 100% VRRM reapplied,Tj=25C
60 Hz, No VRRM reapplied,Tj=25C
ITSM
ITSM
ITSM
ITSM
8800
10,420
10,120
11,190
A
A
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied,Tj=130C
ITSM
4685
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied,Tj=130C
ITSM
4040
A
I
2t for Fusing for One Cycle, 8.3 milliseconds
60 Hz, 100% VRRM reapplied,Tj=130C
60 Hz, 100% VRRM reapplied,Tj=25C
I
2t
I
2t
320,000
426,720
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Tj=25°C, IG=500mA,
VD=0.67 VDRM (Rated), ITM=
πIT(AV),
Tr < 0.5µs, tp > 6µs
di/dt
800
A/µs
Peak Gate Power Dissipation
PGM
16
W
Average Gate Power Dissipation
PG(AV)
3
W
Peak Forward Gate Current
IGFM
4
A
Peak Forward Gate Voltage
VGFM
10
V
Peak Reverse Gate Voltage
VGRM
5
V
Operating Temperature
TJ
-40 to +130
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
45
5
in.-Lb.
Nm
Max. Mounting Torque, M8 Terminal Screw
110
12
in.-Lb.
Nm
Module Weight, Typical
840
G
1.85
Lb
V Isolation @ 25C
Vrms
2500
V


Similar Part No. - ND431621

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND431621 POWEREX-ND431621 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
More results

Similar Description - ND431621

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND432025 POWEREX-ND432025 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
ND4126 POWEREX-ND4126 Datasheet
96Kb / 4P
   POW-R-BLOK Dual Diode Isolated Module (260 Amperes / Up to 2000 Volts)
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com