Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-14FCAZ20AAC1215 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQX-14FCAZ20AAC1215
Description  NHG RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FCAZ20AAC1215 Datasheet(HTML) 2 Page - DB Lectro Inc

  JQX-14FCAZ20AAC1215 Datasheet HTML 1Page - DB Lectro Inc JQX-14FCAZ20AAC1215 Datasheet HTML 2Page - DB Lectro Inc JQX-14FCAZ20AAC1215 Datasheet HTML 3Page - DB Lectro Inc JQX-14FCAZ20AAC1215 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
29 12.8 26
JQX-14FC & JQX-14FC (4124)
12
JQX-14FC
3
1A
SPSTNO
2A
DPSTNO
1C
SPDT(B-M)
2C
DPDT(B-M)
AgCdO
AgSnO
2
1A:16A/250VAC,30VDC;
1C:10A,16A,20A/250VAC,30VDC;
10A/250VAC,14VDC(20A Application for 5mm Pole-distance)
2A,2C:5A,8A/220VAC, 30VDC;JQX-14FC ;2A:8A/220VAC;2C:6A/220VAC
3
Motor load:1HP 250VAC ; 1/2HP 125VAC
Lamp load:TV-5
600W 5000VA
110VDC 380VAC
Max. Switching Current:20A
50m
Item 3.12 of IEC255-7
5
10
Item 3.30 of IEC255-7
76
10
5
10 (JQX-14FC )
Item 3.31 of IEC255-7
3
2
1.5mm=3mm (JQX-14FC )
3
C C
12
0.53
15
10
03001003501
E9930952E01
E160644
R2033977
CC
12
CC
12
CC
12
003-530
3
3.9
17
2.25
0.3
005-530
5
6.5
47
3.75
0.5
006-530
6
7.8
68
4.50
0.6
009-530
9
11.7
153
6.75
0.9
012-530
12
15.6
275
9.00
1.2
024-530
24
31.2
1100
18.0
2.4
JQX-14FC & JQX-14FC (4124)JQX-14FC
12
3
R
CUS
Release
Time
ms
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
( 10%of rated
voltage )
Coil power
consumption
W
Operate
Time
ms
Rated
Max
Dash
numbers
Features
Heavy load, suitable for heavy power reverse.
Small size, suitable for high-density mounting.
Up to 5000VAC dielectric strength. Between open contacts of JQX-14FC 3000VAC dielectric strength.
3
Contact gap of JQX-14FC :2
1.5mm=3mm.
3
Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JQX-14FC C S 10 DC12V 0.8 3.5
1
1
2
3
4
5
6
7
1 Part number
JQX-14FC JQX-14FC JQX-14FC
123
2 Contact arrangement
A:1A
2A:2A
C:1C
2C:2C
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
3A,5A,6A,8A,10A,16A,20A
5 Coil rated voltage(V)
DC:3,5,6,9,12,15,24
AC:6,12,24,48,110,120,220
6 Coil power cunsumption
NIL:0.53W
0.8:0.8W
1:1VA 1.2:1.2W
7 Pole-distance
3.5:3.5mm
5:5.0mm
Contact Data
Contact Arrangement
Contact Material
Operation life
Contact Rating (resistive)
Contact gap
Max. Switching Power
Max. Switching Voltage
Contact Resistance or Voltage drop
Electrical
Mechanical
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
DC
Ningbo Huaguan Relay Corporation LTD.


Similar Part No. - JQX-14FCAZ20AAC1215

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-14FCA HUAXINAN-JQX-14FCA Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
More results

Similar Description - JQX-14FCAZ20AAC1215

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-1 DBLECTRO-NVF4-1 Datasheet
650Kb / 2P
   NHG RELAYS
NVF4-3 DBLECTRO-NVF4-3 Datasheet
860Kb / 3P
   NHG RELAYS
JQX-13F DBLECTRO-JQX-13F Datasheet
625Kb / 4P
   NHG RELAYS
NG8QW DBLECTRO-NG8QW Datasheet
302Kb / 2P
   NHG RELAYS
NVF4-7 DBLECTRO-NVF4-7 Datasheet
426Kb / 2P
   NHG RELAYS
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com