Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU2A470MS Datasheet(PDF) 11 Page - DB Lectro Inc

Part # HU2A470MS
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2A470MS Datasheet(HTML) 11 Page - DB Lectro Inc

Back Button HU2A470MS Datasheet HTML 5Page - DB Lectro Inc HU2A470MS Datasheet HTML 6Page - DB Lectro Inc HU2A470MS Datasheet HTML 7Page - DB Lectro Inc HU2A470MS Datasheet HTML 8Page - DB Lectro Inc HU2A470MS Datasheet HTML 9Page - DB Lectro Inc HU2A470MS Datasheet HTML 10Page - DB Lectro Inc HU2A470MS Datasheet HTML 11Page - DB Lectro Inc HU2A470MS Datasheet HTML 12Page - DB Lectro Inc HU2A470MS Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Taping Specifications for Chip Type Aluminum Electrolytic Capacitors
Carrier Tape
Drawing 1 (for
4 ~
10)
4.0±0.1
2.0±0.1
1.5 +0.1~-0
P±0.1
A±0.2
F±0.1
1.75±0.1
T2±0.2
0.4
Dimension
(Unit: mm)
D L
4 5.4/5.8
5 5.4/5.8
6.3 5.4/5.8
6.3 7.7
8 6.2
8 10.5
10 10.5/13.5
W
12.0
12.0
16.0
12.0
16.0
24.0
24.0
P
8.0
12.0
12.0
12.0
12.0
16.0
16.0
F
5.5
5.5
7.5
7.5
7.5
11.5
11.5
A
5.0
6.0
7.0
7.0
8.7
8.7
10.7
B
5.0
6.0
7.0
7.0
8.7
8.7
10.7
T2
5.8/6.3
5.8/6.3
5.8/6.3
8.4
6.8
11.0
11.0/14.0
Drawing 2 (for
12.5 ~
16)
Dimension
(Unit: mm)
D L
12.5 13.5
12.5 16
W 0.3
32.0
32.0
P 0.1
24.0
24.0
F 0.1
14.2
14.2
A0 0.2
14.0
14.0
B
B
0 0.2
14.0
14.0
T2 0.2
14.0
16.5
S 0.1
28.4
28.4
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HU2A470MS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20015 MICROSEMI-HU20015 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
HU20015 MICROSEMI-HU20015 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
More results

Similar Description - HU2A470MS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com