Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1Z7AAR700W Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # P1Z7AAR700W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P1Z7AAR700W Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  P1Z7AAR700W Datasheet HTML 1Page - Powerex Power Semiconductors P1Z7AAR700W Datasheet HTML 2Page - Powerex Power Semiconductors P1Z7AAR700W Datasheet HTML 3Page - Powerex Power Semiconductors P1Z7AAR700W Datasheet HTML 4Page - Powerex Power Semiconductors P1Z7AAR700W Datasheet HTML 5Page - Powerex Power Semiconductors P1Z7AAR700W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Z9A Outline
Dimension
Inches
Millimeters
A
7.50
190.50
B
3.70
93.98
C
3.15
80.01
D
3.15
80.01
E
0.328 Dia.
Dia. 8.33
F
2.03
51.56
G
3/8-16
3/8-16
UNC-2B
UNC-2B
H
1.51
38.35
J
2.52
64.00
K
2.75
69.85
L
0.56
14.22
Ordering Information:
Select the complete thirteen digit
module part number you desire
from the Configuration Reference
Description.
Example: P3Z7ACT700W16 is a
1600 Volt, 375 Ampere Average,
Dual SCR POW-R-BRIK™ Module
with the standard thermistor.
Z7A Outline
Dimension
Inches
Millimeters
A
6.30
153.16
B
3.02
76.70
C
3.15
80.01
D
2.47
62.73
E
0.328 Dia.
Dia. 8.33
F
1.83
46.48
G
5/16-18
5/16-18
UNC-2B
UNC-2B
H
1.27
32.25
J
2.09
53.08
K
2.25
57.15
L
0.56
14.22
Mounting Bolt (E) Torque Limit is 11 ft.-lb.
Electrical terminal (G) torque limit is 11 ft.-lb. for type
Z7A and 20 ft.-lb. for Z9A.
Apply a thin coating of thermal joint compound to heat
sink surface prior to module mounting.
Module weights: Z7A weighs 6 lbs. while the Z9A module
weighs 11 lbs.
If incoming tests are done for isolation voltage, the volt-
age should be applied in a slow manner rather than
abruptly imposed on the device. The voltage should be
applied between the top terminals, which must be shorted
together, and the metal case.
The metal case is anodized and provides added voltage
isolation capability if not damaged: factory hi-pot test is
achieved without the benefit of the anodized coating.
Description:
Powerex POW-R-BRIK™ Modules
are designed for medium and high
current power control applications.
POW-R-BRIK™ Modules feature
an electrically isolated package
that simplifies system packaging,
installation and cooling.
POW-R-BRIK™ Modules utilize
Compression Bonded
Encapsulation (CBE) mounting
and double side cooling of the
semiconductor elements. The Z7A
outline POW-R-BRIK™ uses
33mm or 38mm elements and the
Z9A outline POW-R-BRIK™ uses
50mm elements. Standard circuit
configurations include Dual SCR,
Dual Diode, SCR/Diode, and
Diode/SCR. Additional circuit con-
figurations, e.g. Single Element,
Common Cathode, Common
Anode, and special element types,
e.g. Fast Switch SCRs, Fast
Recovery Diodes, GTOs, and
Transistors are available.
Features:
Electrically Isolated Packaging
Anodized Aluminum Housing
Internal Copper Contacting
Gold Element Contacting
Internal Temperature Sensor
Compression Element
Contacting
Applications:
AC Motor Starters
DC Motor Controls
Resistance Welding Controls
Mining Power Centers
High Voltage Motor Starters
Transportation Systems
P-1
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Phase Control Modules
345-800 Amperes/400-3000 Volts
POW-R-BRIK™
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
Outline Drawing
B
D
F
F
X2
A2
K1
A
K
J
H
E Ø THRU HOLE TYP. 4 PLACES
(FOR TYP. 1/4-20 SOCKET HD. SCR.)
(& BELLEVILLE SPRING WASHER)
MARKING: STYLE NO. WITH DATE
CODE & MFG. LOCATION CODE
(CUSTOMER PART NO. OPTIONAL)
SENSOR (WHITE) LEADS
12.5
±0.5" LONG WITH
0.375" IN LONG STRIPED ENDS
GATE (WHITE) & CATHODE
(RED) LEADS 12.5" LONG
WITH 0.375" LONG
STRIPPED ENDS
THIS SURFACE
MUST BE PROTECTED
AND NOT DAMAGED
C
C
L
C
L
L TYP. 4 PLACES
MARKING: K1
AI/K2 (ANODE)/(CATHODE),
AND A2 (ANODE) AS SHOWN
OUTLINE DRAWING
MARKING: DEVICE
AND DIRECTION
ACCORDING TO CIRCUIT
CONFIGURATION CHART
G TAPPED HOLE
x 0.50 DEEP
TYP. 3 PLACES
CASE ANODIZED PER
MIL-A-8625, TYPE II
C
L


Similar Part No. - P1Z7AAR700W

ManufacturerPart #DatasheetDescription
logo
PARKER HANNIFIN CORP
P1Z PARKER-P1Z Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000B PARKER-P1ZM016GAN1000B Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBM PARKER-P1ZM016GAN1000BNBM Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBN PARKER-P1ZM016GAN1000BNBN Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBY PARKER-P1ZM016GAN1000BNBY Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
More results

Similar Description - P1Z7AAR700W

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-400 Volts
FT3000AV POWEREX-FT3000AV Datasheet
155Kb / 4P
   Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com