Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G1SR2VM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # H11G1SR2VM
Description  High Voltage Photodarlington Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G1SR2VM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  H11G1SR2VM Datasheet HTML 1Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 2Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 3Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 4Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 5Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 6Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 7Page - Fairchild Semiconductor H11G1SR2VM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
May 2007
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11GXM Rev. 1.0.0
H11G1M, H11G2M, H11G3M
High Voltage Photodarlington Optocouplers
Features
High BVCEO
– Minimum 100V for H11G1M
– Minimum 80V for H11G2M
– Minimum 55V for H11G3M
High sensitivity to low input current
(Min. 500% CTR at IF = 1mA)
Low leakage current at elevated temperature
(Max. 100µA at 80°C)
Underwriters Laboratory (UL) recognized
File # E90700, Volume 2
Applications
CMOS logic interface
Telephone ring detector
Low input TTL interface
Power supply isolation
Replace pulse transformer
General Description
The H11GXM series are photodarlington-type optically
coupled optocouplers. These devices have a gallium
arsenide infrared emitting diode coupled with a silicon
darlington connected phototransistor which has an inte-
gral base-emitter resistor to optimize elevated tempera-
ture characteristics.
Schematic
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C


Similar Part No. - H11G1SR2VM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
H11G1SR2VM ONSEMI-H11G1SR2VM Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
More results

Similar Description - H11G1SR2VM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com