Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G1SVM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11G1SVM
Description  High Voltage Photodarlington Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G1SVM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11G1SVM Datasheet HTML 1Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 2Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 3Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 4Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 5Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 6Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 7Page - Fairchild Semiconductor H11G1SVM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11GXM Rev. 1.0.0
3
Electrical Characteristics (T
A = 25°C unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*All Typical values at TA = 25°C
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Forward Voltage
IF = 10mA
All
1.3
1.50
V
∆VF
∆TA
Forward Voltage
Temp. Coefficient
All
-1.8
mV/°C
BVR
Reverse Breakdown
Voltage
IR = 10µA
All
3.0
25
V
CJ
Junction Capacitance
VF = 0V, f = 1MHz
All
50
pF
VF = 1V, f = 1MHz
65
IR
Reverse Leakage
Current
VR = 3.0V
All
0.001
10
µA
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 1.0mA, IF = 0
H11G1M
100
V
H11G2M
80
H11G3M
55
BVCBO
Collector to Base
IC = 100µA
H11G1M
100
V
H11G2M
80
H11G3M
55
BVEBO
Emitter to Base
All
7
10
V
ICEO
Leakage Current
Collector to Emitter
VCE = 80V, IF = 0
H11G1M
100
nA
VCE = 60V, IF = 0
H11G2M
VCE = 30V, IF = 0
H11G3M
VCE = 80V, IF = 0, TA = 80°C
H11G1M
100
µA
VCE = 60V, IF = 0, TA = 80°C
H11G2M
Symbol
Characteristics
Test Conditions
Device
Min.
Typ.*
Max.
Units
EMITTER
CTR
Current Transfer
Ratio, Collector to
Emitter
IF = 10mA, VCE = 1V
H11G1M/2M
100 (1000)
mA (%)
IF = 1mA, VCE = 5V
H11G1M/2M
5 (500)
H11G3M
2 (200)
VCE(SAT)
Saturation Voltage
IF = 16mA, IC = 50mA
H11G1M/2M
0.85
1.0
V
IF = 1mA, IC = 1mA
H11G1M/2M
0.75
1.0
IF = 20mA, IC = 50mA
H11G3M
0.85
1.2
SWITCHING TIMES
tON
Turn-on Time
RL = 100Ω, IF = 10mA,
VCE = 5V, f ≤ 30Hz,
Pulse Width
≤ 300µs
All
5
µs
tOFF
Turn-off Time
All
100
µs
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.*
Max.
Units
VISO
Isolation Voltage
f = 60Hz, t = 1 sec.
All
7500
VACPEAK
RISO
Isolation Resistance
VI-O = 500 VDC
All
1011
CISO
Isolation Capacitance
f = 1MHz
All
0.2
pF


Similar Part No. - H11G1SVM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
H11G1SVM ONSEMI-H11G1SVM Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
More results

Similar Description - H11G1SVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com