Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFY9130C Datasheet(PDF) 2 Page - International Rectifier

Part # IRFY9130C
Description  POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY9130C Datasheet(HTML) 2 Page - International Rectifier

  IRFY9130C Datasheet HTML 1Page - International Rectifier IRFY9130C Datasheet HTML 2Page - International Rectifier IRFY9130C Datasheet HTML 3Page - International Rectifier IRFY9130C Datasheet HTML 4Page - International Rectifier IRFY9130C Datasheet HTML 5Page - International Rectifier IRFY9130C Datasheet HTML 6Page - International Rectifier IRFY9130C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFY9130C, IRFY9130CM
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.1
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.30
VGS = -10V, ID = -7.1A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
2.5
S ( )VDS > -15V, IDS = -7.1A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -80V ,VGS=0V
-250
VDS = -80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
30
VGS = -10V, ID = -11.2A
Qgs
Gate-to-Source Charge
7.1
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
2.1
td(on)
Turn-On Delay Time
60
VDD = -50V, ID = -11.2A,
tr
Rise Time
140
RG = 7.5Ω
td(off)
Turn-Off Delay Time
140
tf
Fall Time
140
LS + LD
Total Inductance
6.8
Ciss
Input Capacitance
800
VGS = 0V, VDS = -25V
Coss
Output Capacitance
350
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
125
nA
nH
ns
µA
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthCS
Case-to-sink
0.21
RthJA
Junction-to-Ambient
80
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-11.2
ISM
Pulse Source Current (Body Diode) ➀
-44
VSD
Diode Forward Voltage
-4.7
V
Tj = 25°C, IS = -11.2A, VGS = 0V ➃
trr
Reverse Recovery Time
250
nS
Tj = 25°C, IF = -11.2A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
3.0
µC
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)


Similar Part No. - IRFY9130C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY9130C SEME-LAB-IRFY9130C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9130C IRF-IRFY9130C Datasheet
834Kb / 7P
   Simple Drive Requirements
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9130C IRF-IRFY9130C_15 Datasheet
834Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFY9130C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7Y1405CM IRF-IRF7Y1405CM Datasheet
100Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-257AA)
IRF7YSZ44VCM IRF-IRF7YSZ44VCM Datasheet
117Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (Low-ohmic TO-257AA
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com