Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30GWJ2CZ47C Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 30GWJ2CZ47C
Description  SWITCHING MODE POWER SUPPLY APPLICATON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

30GWJ2CZ47C Datasheet(HTML) 1 Page - Toshiba Semiconductor

  30GWJ2CZ47C_06 Datasheet HTML 1Page - Toshiba Semiconductor 30GWJ2CZ47C_06 Datasheet HTML 2Page - Toshiba Semiconductor 30GWJ2CZ47C_06 Datasheet HTML 3Page - Toshiba Semiconductor 30GWJ2CZ47C_06 Datasheet HTML 4Page - Toshiba Semiconductor 30GWJ2CZ47C_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30GWJ2CZ47C
2006-11-10
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE
30GWJ2CZ47C
SWITCHING MODE POWER SUPPLY APPLICATON
CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage
: VRRM = 40 V
Average Output Rectified Current
: IO = 30 A
Low Switching Losses and Output Noise
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
40
V
Repetitive Peak Reverse Surge
Voltage
(Note 1)
VRRSM
48
V
Average Output Rectified Current
IO
30
A
300 (50Hz)
Peak One Cycle Surge Forward
Current (Sine Wave)
IFSM
330 (60Hz)
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~150
°C
Screw Torque
0.6
N·m
Note 1: Pulse Width (tw) ≤500ns, duty (tw / T) ≤1 / 25
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
Peak Forward Voltage
(Note 3)
VFM
IFM = 15A
0.55
V
Repetitive Peak Reverse Current
(Note 3)
IRRM
VRRM = Rated
15
mA
Junction Capacitance
(Note 3)
Cj
VR = 10V, f = 1.0MHz
600
pF
Thermal Resistance
Rth (j−c)
Total DC, Junction to Case
2.5
°C/ W
Note 3: A value applied to one cell.
POLARITY
Unit: mm
JEDEC
JEITA
TOSHIBA
12-10C1A
Weight: 2.0 g (typ.)


Similar Part No. - 30GWJ2CZ47C_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30GWJ2CZ47C TOSHIBA-30GWJ2CZ47C Datasheet
175Kb / 3P
   SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS)
More results

Similar Description - 30GWJ2CZ47C_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30JL2C41 TOSHIBA-30JL2C41_06 Datasheet
290Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATON
5FWJ2C48M TOSHIBA-5FWJ2C48M_06 Datasheet
283Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
5GWJ2C48C TOSHIBA-5GWJ2C48C_06 Datasheet
312Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2C48C TOSHIBA-30GWJ2C48C_06 Datasheet
325Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATON
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
   Switching Mode Power Supply
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
ISOCOM COMPONENTS
ISLT100X ISOCOM-ISLT100X Datasheet
842Kb / 11P
   Switching Mode Power Supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com