Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND431825 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # ND431825
Description  POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND431825 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  ND431825 Datasheet HTML 1Page - Powerex Power Semiconductors ND431825 Datasheet HTML 2Page - Powerex Power Semiconductors ND431825 Datasheet HTML 3Page - Powerex Power Semiconductors ND431825 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
250 Amperes / 1800 Volts
Revision Date: 11/1/2001
ND431825
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
1800V, TJ=130°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
1800V, TJ=130°C
50
mA
Peak On-State Voltage
VFM
ITM=625A
1.40
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 130°C, I = 15%IT(AV) to πIT(AV)
0.877
0.731
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 130°C, I = πIT(AV) to ITSM
1.125
0.377
V
mΩ
VTM Coefficients, Full Range
TJ = 130°C, I = 15%IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.695
4.272E-02
2.951E-04
8.766E-03
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=130°C, Gate Open
500
V/µs
Turn-On Time (Typical)
ton
ITM = 100A, VD = 100V
7
(Typical)
µs
Turn-Off Time (Typical)
t off
TJ = 130°C, IT= 250A
Re-Applied dV/dt = 20V/µs
Linear to 0.8 VDRM
150
(Typical)
µs
Gate Trigger Current
IGT
Tj=25°C, VD=12V
150
mA
Gate Trigger Voltage
VGT
Tj=25°C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=130°C, VD= ½ VDRM
0.15
Volts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction both conducting
0.07
0.14
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 5.27E-3
K2 = 1.17E-2
K3 = 5.26E-2
K4 = 6.97E-2
τ1 = 1.69E-4
τ2 = 2.07E-2
τ3 = 2.37E-1
τ4 = 2.46
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.03
°C/W


Similar Part No. - ND431825

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND431821 POWEREX-ND431821 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
ND431821 POWEREX-ND431821 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
More results

Similar Description - ND431825

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND421825 POWEREX-ND421825 Datasheet
99Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / 1800 Volts)
LD431850 POWEREX-LD431850 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
ND432025 POWEREX-ND432025 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
LD4343 POWEREX-LD4343 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
LS4343 POWEREX-LS4343 Datasheet
99Kb / 4P
   POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com