Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT90TNLCDDC18VI Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT90TNLCDDC18VI
Description  Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TNLCDDC18VI Datasheet(HTML) 2 Page - DB Lectro Inc

  NT90TNLCDDC18VI Datasheet HTML 1Page - DB Lectro Inc NT90TNLCDDC18VI Datasheet HTML 2Page - DB Lectro Inc NT90TNLCDDC18VI Datasheet HTML 3Page - DB Lectro Inc NT90TNLCDDC18VI Datasheet HTML 4Page - DB Lectro Inc NT90TNLCDDC18VI Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Safety approval
UL&CUR
T V
CQC
Load
NO:40A/240VAC 30A/277VAC
NO:40A/240VAC 14VDC
NO:30A/240VAC
NC:30A/240VAC 20A/277VAC
NC:30A/240VAC 14VDC
NC:20A/240VAC
2 HP 250VAC TV-5
Insulation B-class
1
HP 250VAC
F-class
Insulation
B-class
F-class
Dimensions
Mounting (Bottom view)
Dimensions
Wiring diagram(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
12
10
8
6
4
Safety approvals
119
NT90T (T91)
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
reliability, long life.
Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
PC board mounting and direct insert mounting available.
Ordering Information
NT90T H L A S DC12V C B 0.9
1
2
3 4 5
6
7
8
9
1 Part number
NT90T
NT90T
2
2 Load
H:30A
N:40A
3 High
NIL: Standard
L: Low profile type
4 Contact arrangement
A:1A
B:1B
C:1C
5 Enclosure
S: Sealed type
D: Dust cover
E: Covered
O: Open type
6 Coil rated voltage(V)
AC:12,24,110,120,220
DC:3,5,6,9,12,15,18,24,48,110
7 Contact material
C: AgCdO
S: AgSnO
I: AgSnO In O
2
2
2
3
8 Resist heat class
B:130
F:155
9 Coil power consumption
0.6:0.6W
0.9:0.9W
NIL:2VA
Contact Arrangement
1A SPSTBNO
1B
SPSTNC
1C
SPDT(B-M)
Contact Material
AgCdO
AgSnO
AgSnO In O
22
2
3
Contact Rating (resistive)
Max. Switching Power
1100W 7200VA
Max. Switching Voltage
110VDC 250VAC
Max. Switching Current:40A
Contact Resistance or Voltage drop
30m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
Life
Mechanical
7
10
Item 3.31 of IEC255-7
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
03001003503
E9930952E01
R2033977.06
E160644 E233737
Patent No. 99312549.2 02110881.1
32.4
27.5
28.0
32.4
27.5
20
NT90T
2
Contact Data
NT90T (T91)
NO:30A/240VAC,14VDC;
NC:20A/240VAC;30A/14VDC
NO:40A/250VAC,30VDC; NC:30A/250VAC,30VDC (0.9W)
NO:30A/277VAC;NC:20A/277VAC
Motor load
2HP 250VAC
1.5HP 250V
Lamp load
TV-5
Release
Time
ms
AC Coil Parameter
012AC
12
15.6
27
9.0
3.6
024AC
24
31.2
120
18.0
7.2
110AC
110
143
2360
82.5
33.0
120AC
120
156
3040
90.0
36.0
220AC
220
286
13490
165.0
66.0
Dash
numbers
Rated voltage
VAC
Coil
resistance
10%
Pick up
voltage
VAC(max)
(75%of
rated
voltage)
Release
voltage
VAC(min)
(30%of
rated
voltage)
Coil
power
Operate
Time
ms
Rated
Max
2VA
Rated
current
mA
187
95
20
16.5
6.4
HP:A 1HP/16AFLA/120VAC
2HP/12AFLA/240VAC
B 30LRA/10AFLA/120VAC
30LRA/10AFLA/240VAC
mm /inch
0.047
0.047
0.027
0.027
0.031
0.059
0.492
2.4
0.094
0.724
1.279max.
0.606
0.303
0.303
0.043
0.1
0.303
0.606
0.043
0.303
0.1
0.606
0.130
3.3
17max.
0.669max.
24.2max.
0.953max.
Open type
2
1
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS


Similar Part No. - NT90TNLCDDC18VI

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90TNLCDAC110VCB0.6 DBLECTRO-NT90TNLCDAC110VCB0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLCDAC110VCB0.9 DBLECTRO-NT90TNLCDAC110VCB0.9 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLCDAC110VCF0.6 DBLECTRO-NT90TNLCDAC110VCF0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLCDAC110VCF0.9 DBLECTRO-NT90TNLCDAC110VCF0.9 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLCDAC110VSB0.6 DBLECTRO-NT90TNLCDAC110VSB0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
More results

Similar Description - NT90TNLCDDC18VI

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F_05 Datasheet
838Kb / 3P
   Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
NCF2 DBLECTRO-NCF2_05 Datasheet
581Kb / 2P
   Suitable for automobile, automation system, electronic equipment
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com