Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON3814 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON3814
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON3814 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON3814 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON3814 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON3814 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON3814 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AON3814
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
10
µA
BVGSO
±12
V
VGS(th)
0.4
0.71
1.1
V
ID(ON)
30
A
11
14
17
TJ=125°C
15
19
24
11.5
15
18.5
m
14.5
19
24
23
30
39
m
gFS
25
S
VSD
0.75
1
V
IS
3.5
A
Ciss
1315
pF
Coss
219
pF
Crss
183
pF
Rg
2.1
k
Qg
13.1
nC
Qgs
6.7
nC
Qgd
4.6
nC
tD(on)
1
µs
tr
2.8
µs
tD(off)
5.6
µs
tf
5.9
µs
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate-Source Breakdown Voltage
VDS=0V, IG=±250µA
VGS=2.5V, ID=6A
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=10V, f=1MHz
Gate Drain Charge
Reverse Transfer Capacitance
Turn-On Rise Time
Turn-Off DelayTime
VGS=5V, VDS=10V, RL=1.7Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=10V, ID=6A
Gate Source Charge
m
VGS=1.8V, ID=6A
IS=1A,VGS=0V
VDS=5V, ID=6A
VGS=4V, ID=6A
VGS=4.5V, ID=6A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VDS=20V, VGS=0V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±10V
Gate-Body leakage current
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with
T A=25°C. The SOA curve provides a single pulse rating.
F. The power dissipation and current rating is based on the t ≤ 10s thermal resistance, and current rating is also limited by wire-bonding.
Rev 2:Sep 2007
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON3814

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON3814 AOSMD-AON3814 Datasheet
375Kb / 5P
   20V N-Channel MOSFET
AON3814 AOSMD-AON3814_10 Datasheet
375Kb / 5P
   20V N-Channel MOSFET
More results

Similar Description - AON3814

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com