Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015AZ24 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 015AZ24
Description  Constant-Voltage Regulation Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

015AZ24 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  015AZ24 Datasheet HTML 1Page - Toshiba Semiconductor 015AZ24 Datasheet HTML 2Page - Toshiba Semiconductor 015AZ24 Datasheet HTML 3Page - Toshiba Semiconductor 015AZ24 Datasheet HTML 4Page - Toshiba Semiconductor 015AZ24 Datasheet HTML 5Page - Toshiba Semiconductor 015AZ24 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
015AZ2.0~015AZ24
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
015AZ2.0~015AZ24
Constant-Voltage Regulation Applications
Small package
Nominal voltage tolerance of about ±2.5%
(2.0 V~24 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P*
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
* Mounted on a glass-epoxy circuit board of 20 × 20 mm,
Pad dimensions of 4 × 4 mm.
Electrical Characteristics
(See pages 2~3.)
Marking
Example 1: 015AZ2.4-X
Example 2: 015AZ2.4-Z
Example 3: 015AZ12-X
Pin Assignment (Top View)
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 1.4 mg (typ.)
24
Decimal point
Voltage rank
: VZ = (VZ ranking voltage) X 0.1, nil: VZ = VZ ranking
24
24
12
VZ additional ranking
upper --- X rank , middle --- Y rank , lower --- Z rank


Similar Part No. - 015AZ24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
015AZ2.0-X TOSHIBA-015AZ2.0-X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ2.0-X TOSHIBA-015AZ2.0-X Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 015AZ24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02DZ20-X TOSHIBA-02DZ20-X Datasheet
484Kb / 8P
   Constant Voltage Regulation Applications Reference Voltage Applications
02DZ2 TOSHIBA-02DZ2 Datasheet
262Kb / 6P
   DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
015Z2 TOSHIBA-015Z2 Datasheet
233Kb / 5P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS)
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com