Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT253MTC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ACT253MTC
Description  Dual 4-Input Multiplexer with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT253MTC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACT253MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT253MTC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC253, 74ACT253 Rev. 1.5
7
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA = +25°C
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min
Max
tPLH
Propagation Delay,
Sn to Zn
3.3
2.0
8.5
15.5
2.0
17.5
ns
5.0
2.0
6.5
11.0
1.5
12.5
tPHL
Propagation Delay,
Sn to Zn
3.3
2.5
9.5
16.0
2.0
18.0
ns
5.0
2.0
7.0
11.5
1.5
13.0
tPLH
Propagation Delay,
In to Zn
3.3
1.5
7.0
14.5
1.5
17.0
ns
5.0
1.5
5.5
10.0
1.5
11.5
tPHL
Propagation Delay,
In to Zn
3.3
2.0
7.5
13.0
1.5
15.0
ns
5.0
1.5
5.5
9.5
1.5
11.0
tPZH
Output Enable Time
3.3
1.5
4.5
8.0
1.0
8.5
ns
5.0
1.5
3.5
6.0
1.0
6.5
tPZL
Output Enable Time
3.3
1.5
5.0
8.0
1.0
9.0
ns
5.0
1.5
3.5
6.0
1.0
7.0
tPHZ
Output Disable Time
3.3
2.0
5.5
9.5
1.5
10.0
ns
5.0
2.0
5.0
8.0
1.5
8.5
tPLZ
Output Disable Time
3.3
1.5
5.0
8.0
1.0
9.0
ns
5.0
1.5
4.0
7.0
1.0
7.5
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay, Sn to Zn
5.0
2.0
7.0
11.5
2.0
13.0
ns
tPHL
Propagation Delay, Sn to Zn
5.0
3.0
7.5
13.0
2.5
14.5
ns
tPLH
Propagation Delay, In to Zn
5.0
2.5
5.5
10.0
2.0
11.0
ns
tPHL
Propagation Delay, In to Zn
5.0
3.5
6.5
11.0
3.0
12.5
ns
tPZH
Output Enable Time
5.0
2.0
4.5
7.5
1.5
8.5
ns
tPZL
Output Enable Time
5.0
2.0
5.0
8.0
1.5
9.0
ns
tPHZ
Output Disable Time
5.0
3.0
6.0
9.5
2.5
10.0
ns
tPLZ
Output Disable Time
5.0
2.5
4.5
7.5
2.0
8.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
50.0
pF


Similar Part No. - 74ACT253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT253MTC FAIRCHILD-74ACT253MTC Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74ACT253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com