Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40-01-B4C-AJMB Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 40-01-B4C-AJMB
Description  Dome POWER LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

40-01-B4C-AJMB Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  40-01-B4C-AJMB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 40-01-B4C-AJMB Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data Sheet
Dome POWER LED
40-01/B4C-AJMB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 1 of 7
Device number: DLE-400-003
Established date: 05-30-2007
Established by: Jim Lin
Features
. High Flux Output.
. Low Profile.
. Low Thermal Resistance.
. Low Power Consumption.
.The product itself will remain within RoHS compliant version.
. ESD-withstand voltage: up to 4KV.
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other LED
solutions. This is possible through the efficient optical package design and high-current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired light appearance.
Applications
. Automotive Exterior Lighting
. Electronic Signs and Signals
. Channel Letter
. Special Lighting application
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
40-01/B4C-AJMB
InGaN
Blue
Water Clear


Similar Part No. - 40-01-B4C-AJMB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
40-01-1181 MOLEX11-40-01-1181 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
40-01-1182 MOLEX11-40-01-1182 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
logo
Everlight Electronics C...
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
40-01-T4C-4PRB EVERLIGHT-40-01-T4C-4PRB Datasheet
133Kb / 8P
   Dome POWER LED
40-01-X4C-4NQB EVERLIGHT-40-01-X4C-4NQB Datasheet
139Kb / 8P
   Warm White POWER LED
More results

Similar Description - 40-01-B4C-AJMB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
40-01-T4C-4PRB EVERLIGHT-40-01-T4C-4PRB Datasheet
133Kb / 8P
   Dome POWER LED
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
logo
PARA LIGHT ELECTRONICS ...
L-C195KGJYCT PARALIGHT-L-C195KGJYCT Datasheet
209Kb / 7P
   Dome Lens Chip LED
logo
List of Unclassifed Man...
QBLP670D-R ETC1-QBLP670D-R Datasheet
1Mb / 13P
   Dome Type PLCC2 LED
logo
PARA LIGHT ELECTRONICS ...
L-C155KGKFCT PARALIGHT-L-C155KGKFCT Datasheet
178Kb / 7P
   Dome Lens Chip LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
   Dome Lens SMD LED
Rev. 1.1, 07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
   Dome Lens SMD LED
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
   Dome Lens SMD LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com