Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U10DL2C48A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U10DL2C48A
Description  SWITCHING MODE POWER SUPPLY APPLICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U10DL2C48A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U10DL2C48A Datasheet HTML 1Page - Toshiba Semiconductor U10DL2C48A Datasheet HTML 2Page - Toshiba Semiconductor U10DL2C48A Datasheet HTML 3Page - Toshiba Semiconductor U10DL2C48A Datasheet HTML 4Page - Toshiba Semiconductor U10DL2C48A Datasheet HTML 5Page - Toshiba Semiconductor U10DL2C48A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10DL2C48A,10FL2C48A,U10DL2C48A,U10FL2C48A
2006-11-08
1
TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
10DL2C48A, 10FL2C48A, U10DL2C48A, U10FL2C48A
SWITCHING MODE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage
: VRRM = 200 V, 300 V
Average Output Rectified Current
: IO = 10 A
Ultra Fast Reverse-Recovery Time
: trr = 35ns (Max)
Low Switching Losses and Output Noise
Unit in mm
10DL2C48A,10FL2C48A
U10DL2C48A,U10FL2C48A
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
12-10D1A
TOSHIBA
12-10D2A


Similar Part No. - U10DL2C48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U10DL2C48A TOSHIBA-U10DL2C48A Datasheet
213Kb / 4P
   DIODE STACK (SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.)
More results

Similar Description - U10DL2C48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JL2CZ47 TOSHIBA-5JL2CZ47_06 Datasheet
262Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
10JL2C48A TOSHIBA-10JL2C48A_06 Datasheet
295Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
10JL2CZ47 TOSHIBA-10JL2CZ47_06 Datasheet
253Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
5DL2CZ47A TOSHIBA-5DL2CZ47A_06 Datasheet
397Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5GLZ47A TOSHIBA-5GLZ47A_06 Datasheet
236Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com