Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N136 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 6N136
Description  GaA?밃s Ired & Photo IC Digital Logic Isolation.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N136 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  6N136 Datasheet HTML 1Page - Toshiba Semiconductor 6N136 Datasheet HTML 2Page - Toshiba Semiconductor 6N136 Datasheet HTML 3Page - Toshiba Semiconductor 6N136 Datasheet HTML 4Page - Toshiba Semiconductor 6N136 Datasheet HTML 5Page - Toshiba Semiconductor 6N136 Datasheet HTML 6Page - Toshiba Semiconductor 6N136 Datasheet HTML 7Page - Toshiba Semiconductor 6N136 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6N135,6N136
2007-10-01
3
Electrical Characteristics
Over Recommended Temperature (Ta = 0°C~70°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
(**)Typ.
Max.
Unit
6N135
7
18
%
6N136
CTR
IF = 16mA, VO = 0.4V
VCC = 4.5V, Ta = 25°C
(Note 8)
19
24
%
6N135
5
13
%
Current transfer
ratio
6N136
CTR
IF = 16mA, VO = 0.5V
VCC = 4.5V
(Note 1)
15
21
%
6N135
IF = 16mA, IO = 1.1mA
VCC = 4.5V
0.1
0.4
V
Logic low output
voltage
6N136
VOL
IF = 16mA, IO = 2.4mA
VCC = 4.5V
0.1
0.4
V
IF = 0mA, VO = VCC = 5.5V
Ta = 25°C
3
500
nA
IOH
IF = 0mA, VO = VCC = 15V
Ta = 25°C
0.1
1
μA
Logic high output current
IOH
IF = 0 mA, VO = VCC = 15V
50
μA
Logic low supply current
ICCL
IF = 16mA, VO = open
VCC = 15V
40
μA
ICCH
IF = 0mA, VO = open
VCC = 15V, Ta = 25°C
0.01
1
μA
Logic high supply current
ICCH
IF = 0mA, VO = open
VCC = 15V
2
μA
Input forward voltage
VF
IF = 16mA, Ta = 25°C
1.65
1.7
V
Temperature coefficient of
forward voltage
ΔVF / ΔTa
IF = 16mA
−1.9
mV / °C
Input reverse breakdown
voltage
BVR
IR = 10μA, Ta = 25°C
5
V
Input capacitance
CIN
f = 1MHz, VF = 0
60
pF
Resistance (input
−output)
RI−O
VI−O = 500V
(Note 9)
R.H. ≤ 60%
10
12
Capacitance (input
−output)
CI−O
f = 1MHz
(Note 9)
0.6
pF
Transistor DC current gain
hFE
VO = 5V, IO = 3mA
80
(**) All typicals at Ta = 25°C


Similar Part No. - 6N136

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Vishay Siliconix
6N136 VISHAY-6N136 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
More results

Similar Description - 6N136

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com