Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5FWJ2C48M Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 5FWJ2C48M
Description  SWITCHING MODE POWER SUPPLY APPLICATON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

5FWJ2C48M Datasheet(HTML) 1 Page - Toshiba Semiconductor

  5FWJ2C48M Datasheet HTML 1Page - Toshiba Semiconductor 5FWJ2C48M Datasheet HTML 2Page - Toshiba Semiconductor 5FWJ2C48M Datasheet HTML 3Page - Toshiba Semiconductor 5FWJ2C48M Datasheet HTML 4Page - Toshiba Semiconductor 5FWJ2C48M Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5FWJ2C48M,U5FWJ2C48M
2006-11-10
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE
5FWJ2C48M, U5FWJ2C48M
SWITCHING MODE POWER SUPPLY APPLICATON
CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage
: VRRM = 30 V
Average Output Rectified Current
: IO = 5 A
Low Switching Losses and Output Noise
Unit: mm
5FWJ2C48M
U5FWJ2C48M
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
12-10D1A
TOSHIBA
12-10D2A
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectified Current
IO
5
A
50 (50Hz)
Peak One Cycle Surge Forward
Current (Sine Wave)
IFSM
55 (60Hz)
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
POLARITY


Similar Part No. - 5FWJ2C48M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5FWJ2C48M TOSHIBA-5FWJ2C48M Datasheet
268Kb / 5P
   Toshiba Schottky Barrier Rectifier Stack, Schottky Barrier Type
More results

Similar Description - 5FWJ2C48M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30JL2C41 TOSHIBA-30JL2C41_06 Datasheet
290Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATON
5GWJ2C48C TOSHIBA-5GWJ2C48C_06 Datasheet
312Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2C48C TOSHIBA-30GWJ2C48C_06 Datasheet
325Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2CZ47C TOSHIBA-30GWJ2CZ47C_06 Datasheet
335Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
   Switching Mode Power Supply
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
ISOCOM COMPONENTS
ISLT100X ISOCOM-ISLT100X Datasheet
842Kb / 11P
   Switching Mode Power Supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com