Part Name
         Description
2SK4022

 Switching Regulator, DC/DC Converter and Motor Drive Applications ( 6 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 1 page
background image
2SK4022
2006-11-21
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (π−MOS V)
2SK4022
Switching Regulator, DC/DC Converter and
Motor Drive Applications
• 4 V gate drive
• Low drain-source ON-resistance: RDS (ON) = 1.2 Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.2 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 250 V)
• Enhancement mode: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
250
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
250
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
3
Drain current
Pulse (t
= 1 ms)
(Note 1)
IDP
6
A
Drain power dissipation (Tc
= 25°C)
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
36.2
mJ
Avalanche current
IAR
3
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
6.25
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C, L = 6.7 mH, IAR = 3 A, RG = 25Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7J2B
Weight: 0.36 g (typ.)
0.6±0.15
0.8 MAX.
12
1.1 MAX.
0.6±0.15
0.6 MAX
0.6 MAX.
1.1±0.2
6.5±0.2
2.3
2.3
5.2±0.2
0.9



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3373_06Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ610_06Silicon P-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3843Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ676Silicon P-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 Toshiba Semiconductor
2SK3846Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3847Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3462_06Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK4021Switching Regulator and DC/DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2267_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3205Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl