Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU2D331MT Datasheet(PDF) 10 Page - DB Lectro Inc

Part # HU2D331MT
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2D331MT Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button HU2D331MT Datasheet HTML 5Page - DB Lectro Inc HU2D331MT Datasheet HTML 6Page - DB Lectro Inc HU2D331MT Datasheet HTML 7Page - DB Lectro Inc HU2D331MT Datasheet HTML 8Page - DB Lectro Inc HU2D331MT Datasheet HTML 9Page - DB Lectro Inc HU2D331MT Datasheet HTML 10Page - DB Lectro Inc HU2D331MT Datasheet HTML 11Page - DB Lectro Inc HU2D331MT Datasheet HTML 12Page - DB Lectro Inc HU2D331MT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HU2D331MT

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HU2D331MCXS2WPEC AICTECH-HU2D331MCXS2WPEC Datasheet
90Kb / 4P
   Useful of 4,000 hours at 105ºC
HU2D331MLU40EC AICTECH-HU2D331MLU40EC Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
HU2D331MLV315EC AICTECH-HU2D331MLV315EC Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
More results

Similar Description - HU2D331MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com