Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3857TV Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3857TV
Description  Silicon N Channel Junction Type For ECM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3857TV Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3857TV Datasheet HTML 1Page - Toshiba Semiconductor 2SK3857TV Datasheet HTML 2Page - Toshiba Semiconductor 2SK3857TV Datasheet HTML 3Page - Toshiba Semiconductor 2SK3857TV Datasheet HTML 4Page - Toshiba Semiconductor 2SK3857TV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK3857TV
2007-11-01
3
IDSS=150μA
IDSS=330μA
Ta=85℃
Ta=25℃
Ta=-40℃
Gate - Source voltage VGS (V)
ID – VGS
Drain Current IDSS (µA)
|Yfs| – IDSS
0
3
1
2
400
500
Drain Current IDSS (µA)
VGS(OFF) – IDSS
Gate - Source voltage VGS (V)
ID – VGS
0
600
-1.0
-0.8
-0.6
-0.4
-0.2
300
100
200
0
400
500
VDS
=2V
Common Source
Ta
= 25 °C
0
600
-1.0
-0.8
-0.6
-0.4
-0.2
300
100
200
0
400
500
VDS
=2V
Common Source
100
200
300
600
|Yfs|:VDS
=2V
VGS
=0V
IDSS: VDS
=2V
VGS
=0V
Common Source
Ta
= 25 °C
400
500
0
0
-100
-200
-300
-400
100
200
300
600
400
500
VGS(OFF):VDS
=2V
ID
= 1μA
IDSS:VDS
=2V
VGS
=0V
Common Source
Ta
= 25 °C
-500
Drain - Source voltage VDS (V)
ID – VDS
0
600
0
300
100
200
2.0
400
500
1.0
Common Source
Ta
= 25 °C
IDSS=170μA
VGS = 0 V
– 0.05 V
+ 0.1 V
+ 0.05 V
– 0.1 V
Drain - Source voltage VDS (V)
ID – VDS
0
600
0
300
100
200
2.0
400
500
1.0
Common Source
Ta
= 25 °C
IDSS=330μA
VGS = 0 V
– 0.05 V
+ 0.1 V
+ 0.05 V
– 0.1 V


Similar Part No. - 2SK3857TV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3857TK TOSHIBA-2SK3857TK Datasheet
129Kb / 5P
   Silicon N Channel Junction Type For ECM
More results

Similar Description - 2SK3857TV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3376TK TOSHIBA-2SK3376TK Datasheet
153Kb / 7P
   Silicon N Channel Junction Type For ECM
2SK3376MFV TOSHIBA-2SK3376MFV Datasheet
152Kb / 6P
   Silicon N Channel Junction Type For ECM
2SK3376TV TOSHIBA-2SK3376TV Datasheet
151Kb / 6P
   Silicon N Channel Junction Type For ECM
2SK3857TK TOSHIBA-2SK3857TK Datasheet
129Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TK TOSHIBA-2SK4059TK Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TV TOSHIBA-2SK4059TV Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TV TOSHIBA-2SK3582TV Datasheet
141Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TK TOSHIBA-2SK3582TK Datasheet
122Kb / 5P
   Field Effect Transistor Silicon N Channel Junction Type For ECM
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com