Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3767 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3767
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3767 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3767 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3767 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3767 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3767 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3767 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3767 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3767
2006-11-08
5
−15 V
15 V
TEST CIRCUIT
WAVE FORM
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 41mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
160
120
80
40
0
25
50
75
100
125
150
Channel temperature (initial) Tch (°C)
EAS – Tch
200
Darin-source voltage VDS (V)
Safe operating area
Single nonrepetitive pulse
Tc=25℃
Curves must be derated linearly with
increase in temperature.
ID max (PULSED) *
ID max (CONTINUOUS) *
DC OPERATION
Tc
= 25°C
100
μs *
1 ms *
VDSS max
100
10
1
0.1
0.01
1000
100
10
1
0.01
0.1
10
0.001
10μ
100μ
1m
10m
100m
1
10
0.2
0.1
0.01
rth – tw
Pulse width tw (s)
Duty=0.5
SINGLE PULSE
0.003
0.03
1
0.02
0.05
T
PDM
t
Duty
= t/T
Rth (ch-c) = 5℃/W
3
0.3


Similar Part No. - 2SK3767

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3767 TOSHIBA-2SK3767 Datasheet
199Kb / 6P
   Switching Regulator Applications
2SK3767 TOSHIBA-2SK3767 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3767 ISC-2SK3767 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767_09 Datasheet
199Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3767

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com