Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3J109TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J109TU
Description  Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J109TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J109TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3J109TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3J109TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3J109TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3J109TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3J109TU
2007-11-01
2
Switching Time Test Circuit
(a) Test circuit
(b) VIN
Marking
Equivalent Circuit (top view)
Notice on Usage
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = -1 mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower
voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on).)
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
(c) VOUT
VDD = − 10 V
RG = 4.7 Ω
Duty ≦ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
IN
0
2.5V
10
μs
VDD
OUT
RL
ton
90%
10%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD
JJ2
1
2
3
1
2
3


Similar Part No. - SSM3J109TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J108TU TOSHIBA-SSM3J108TU Datasheet
143Kb / 5P
   Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3J109TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J115TU TOSHIBA-SSM3J115TU Datasheet
139Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Power Management Switch Applications
SSM3J304T TOSHIBA-SSM3J304T Datasheet
238Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3J120TU TOSHIBA-SSM3J120TU Datasheet
198Kb / 6P
   Field Effect Transistor Silicon P Channel MOS Type Power Management Switch Applications High-Current Switching Applications
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FS TOSHIBA-SSM3J15FS Datasheet
182Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FV TOSHIBA-SSM3J15FV Datasheet
140Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FS TOSHIBA-SSM3J16FS Datasheet
179Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FU TOSHIBA-SSM3J16FU Datasheet
216Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16TE TOSHIBA-SSM3J16TE Datasheet
180Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com