Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4S06 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT4S06
Description  VHF~UHF Band Low Noise Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT4S06 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT4S06_07 Datasheet HTML 1Page - Toshiba Semiconductor MT4S06_07 Datasheet HTML 2Page - Toshiba Semiconductor MT4S06_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT4S06
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 5 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
1
μA
DC current gain
hFE
VCE = 1 V, IC = 5 mA
70
140
Reverse transfer capacitance
Cre
VCB = 1 V, IE = 0, f = 1 MHz
(Note)
0.23
0.7
pF
Note: Cre is measured by 3 terminal method with capacitance bridge.
Caution
This device is sensitive to electrostatic discharge. Please handle with caution.


Similar Part No. - MT4S06_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S06 TOSHIBA-MT4S06 Datasheet
122Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
More results

Similar Description - MT4S06_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT3S04AFS TOSHIBA-MT3S04AFS Datasheet
148Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L76FS TOSHIBA-MT6L76FS Datasheet
106Kb / 3P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com