Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3S41T Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MT3S41T
Description  UHF LOW NOISE AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S41T Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MT3S41T Datasheet HTML 1Page - Toshiba Semiconductor MT3S41T Datasheet HTML 2Page - Toshiba Semiconductor MT3S41T Datasheet HTML 3Page - Toshiba Semiconductor MT3S41T Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MT3S41T
2007-11-01
1
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE
MT3S41T
VCO OSCILLETOR STAGE
UHF LOW NOISE AMPLIFIER APPLICATION
FEATURES
• Low Noise Figure :NF=1.2dB (@f=2GHz)
• High Gain:|S21e|2=10dB (@f=2GHz)
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-Base voltage
VCBO
8
V
Collector-Emitter voltage
VCEO
4.5
V
Emitter-Base voltage
VEBO
1.5
V
Collector-Current
IC
80
mA
Base-Current
IB
40
mA
Collector Power dissipation
PC
100
mW
Junction temperature
Tj
150
°C
Storage temperature Range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
TESM
JEDEC
JEITA
TOSHIBA
2-1B1A
Weight:0.0022g (typ.)
3
1
2
Q 7


Similar Part No. - MT3S41T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S41T TOSHIBA-MT3S41T Datasheet
122Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
More results

Similar Description - MT3S41T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S101T TOSHIBA-MT4S101T_07 Datasheet
125Kb / 5P
   UHF Low Noise Amplifier Application
TA4020FT TOSHIBA-TA4020FT Datasheet
140Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S100U TOSHIBA-MT4S100U Datasheet
146Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT3S35FS TOSHIBA-MT3S35FS Datasheet
138Kb / 4P
   UHF Low-Noise Amplifier Application
MT4S100T TOSHIBA-MT4S100T_07 Datasheet
125Kb / 5P
   UHF Low Noise Amplifier Application
MT3S36FS TOSHIBA-MT3S36FS Datasheet
121Kb / 4P
   UHF Low-Noise Amplifier Application
MT3S37T TOSHIBA-MT3S37T Datasheet
127Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S101T TOSHIBA-MT4S101T Datasheet
119Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S100T TOSHIBA-MT4S100T Datasheet
117Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT3S35T TOSHIBA-MT3S35T_07 Datasheet
126Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com