Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD431850 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # LD431850
Description  POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD431850 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  LD431850 Datasheet HTML 1Page - Powerex Power Semiconductors LD431850 Datasheet HTML 2Page - Powerex Power Semiconductors LD431850 Datasheet HTML 3Page - Powerex Power Semiconductors LD431850 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
500 Amperes / 1800 Volts
Revision Date: 5/3/2002
LD431850
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
3.5
4
10
100
1000
10000
Instantaneous On-State Current - Itm - Amperes
(Tj = 125C)
Maximum Transient Thermal Impedance
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction To Case)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
400
450
500
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
80
90
100
110
120
130
0
100
200
300
400
500
600
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
15°
270°
180°
120°
30°
60°
90°
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
900
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
800
900
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)


Similar Part No. - LD431850

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD431843 POWEREX-LD431843 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
   Dual SCR Isolated Module
More results

Similar Description - LD431850

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
LD4343 POWEREX-LD4343 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
ND421825 POWEREX-ND421825 Datasheet
99Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / 1800 Volts)
LS4343 POWEREX-LS4343 Datasheet
99Kb / 4P
   POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com