Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3S35T Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MT3S35T
Description  UHF LOW NOISE AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S35T Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MT3S35T Datasheet HTML 1Page - Toshiba Semiconductor MT3S35T Datasheet HTML 2Page - Toshiba Semiconductor MT3S35T Datasheet HTML 3Page - Toshiba Semiconductor MT3S35T Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MT3S35T
2007-11-01
3
|S21e|
2-IC
1V
2V
VCE=3V
f=1GHz
Ta=25℃
0
5
10
15
20
110
100
COLLECTOR CURRENT IC(mA)
|S21e|
2-IC
1V
2V
VCE=3V
f=2GHz
Ta=25℃
0
5
10
15
110
100
COLLECTOR CURRENT IC(mA)
fT-IC
1V
2V
VCE=3V
f=2GHz
Ta=25℃
0
5
10
15
20
25
110
100
COLLECTOR CURRENT IC(mA)
Cre,Cob-VCB
Cob
Cre
IE=0
f=1MHz
Ta=25℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
COLLECTOR-BASE VOLTAGE VCB(V)
NF,Ga-IC
NF
f=2GHz
VCE=3V
Ta=25℃
Ga
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
110
100
COLLECTOR CURRENT IC(mA)
0
2
4
6
8
10
12
14
16
PC-Ta
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE Ta(℃)


Similar Part No. - MT3S35T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
   CMOS ST-BUS Family Multiple Rate Digital Switch
More results

Similar Description - MT3S35T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S41T TOSHIBA-MT3S41T_07 Datasheet
126Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S101T TOSHIBA-MT4S101T_07 Datasheet
125Kb / 5P
   UHF Low Noise Amplifier Application
TA4020FT TOSHIBA-TA4020FT Datasheet
140Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S100U TOSHIBA-MT4S100U Datasheet
146Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT3S35FS TOSHIBA-MT3S35FS Datasheet
138Kb / 4P
   UHF Low-Noise Amplifier Application
MT4S100T TOSHIBA-MT4S100T_07 Datasheet
125Kb / 5P
   UHF Low Noise Amplifier Application
MT3S36FS TOSHIBA-MT3S36FS Datasheet
121Kb / 4P
   UHF Low-Noise Amplifier Application
MT3S37T TOSHIBA-MT3S37T Datasheet
127Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S101T TOSHIBA-MT4S101T Datasheet
119Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S100T TOSHIBA-MT4S100T Datasheet
117Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com