Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4410 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4410
Description  High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4410 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4410_07 Datasheet HTML 1Page - Toshiba Semiconductor MP4410_07 Datasheet HTML 2Page - Toshiba Semiconductor MP4410_07 Datasheet HTML 3Page - Toshiba Semiconductor MP4410_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP4410
2006-10-27
1
TOSHIBA Power MOS FET Module Silicon N Channel MOS Type (Four L2-π-MOSV in One)
MP4410
High Power, High Speed Switching Applications
Hammer Drive, Pulse Motor Drive and Inductive Load
Switching
• 4-V gate drivability
• Small package by full molding (SIP 12 pin)
• High drain power dissipation (4-device operation)
: PT = 28 W (Tc = 25°C)
• Low drain-source ON resistance: RDS (ON) = 0.12 Ω (typ.)
• Low leakage current: IGSS = ±10 μA (max) (VGS = ±16 V)
IDSS = 100 μA (max) (VDS = 60 V)
• Enhancement-mode: Vth = 0.8 to 2.0 V (ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
60
V
Gate-source voltage
VGSS
±20
V
Drain current
ID
5
A
Peak drain current
IDP
20
A
Drain power dissipation
(1-device operation)
PD
2.2
W
Ta = 25°C
4.4
Drain power dissipation
(4-device operation)
Tc = 25°C
PT
28
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Array Configuration
Industrial Applications
Unit: mm
JEDEC
JEITA
TOSHIBA
2-32C1D
Weight: 3.9 g (typ.)
5
4
2
3
1
6
12
11
9
10
8
7


Similar Part No. - MP4410_07

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4410GQ MPS-MP4410GQ Datasheet
545Kb / 17P
   36V, 100mA Synchronous Step-Down Converter
More results

Similar Description - MP4410_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4208 TOSHIBA-MP4208_07 Datasheet
167Kb / 6P
   High Power High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
   HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
MP4504 TOSHIBA-MP4504 Datasheet
140Kb / 5P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4013 TOSHIBA-MP4013_07 Datasheet
148Kb / 5P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4503 TOSHIBA-MP4503 Datasheet
191Kb / 8P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
   High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4020 TOSHIBA-MP4020 Datasheet
154Kb / 5P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4514 TOSHIBA-MP4514_07 Datasheet
184Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4013 TOSHIBA-MP4013 Datasheet
138Kb / 5P
   High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com