Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3441 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3441
Description  Silicon N Channel MOS Type DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3441 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3441 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3441
2006-11-17
2
Marking
Electrical Characteristics (Note 4) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = 60 V, VGS = 0 V
100
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
40
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 10 V, ID = 38 A
4.5
5.8
Drain-source ON resistance
RDS (ON)
VGS = 4 V, ID = 38 A
5.8
10
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 38 A
40
80
S
Input capacitance
Ciss
9300
Reverse transfer capacitance
Crss
910
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1435
pF
Rise time
tr
18
Turn-on time
ton
40
Fall time
tf
42
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
250
ns
Total gate charge
(gate-source plus gate-drain)
Qg
210
Gate-source charge
Qgs
145
Gate-drain (“miller”) charge
Qgd
VDD ∼− 48 V, VGS = 10 V, ID = 75 A
65
nC
Note 4: Connect the S1 and S2 pins together, and ground them except during switching time measurement.
Source-Drain Ratings and Characteristics (Note 5) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 5)
IDR1
75
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP1
300
A
Continuous drain reverse current
(Note 1, Note 5)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 75 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
60
ns
Reverse recovery charge
Qrr
IDR = 75 A, VGS = 0 V,
dIDR/dt = 50 A/μs
50
nC
Note 5: IDR1, IDRP1: Current flowing between the drain and the S2 pin. Ensure that the S1 pin is left open.
IDR2, IDRP2: Current flowing between the drain and the S1 pin. Ensure that the S2 pin is left open.
Unless otherwise specified, connect the S1 and S2 pins together, and ground them.
VDD ∼− 30 V
0 V
VGS
10 V
ID = 38 A
VOUT
K3441
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
190Kb / 6P
   DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_09 Datasheet
190Kb / 6P
   DC-DC Converter Applications
More results

Similar Description - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301_06 Datasheet
166Kb / 3P
   Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
SSM3K12T TOSHIBA-SSM3K12T_07 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter
SSM3K14T TOSHIBA-SSM3K14T_07 Datasheet
215Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter
2SK3506 TOSHIBA-2SK3506_06 Datasheet
156Kb / 3P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications
2SK2998 TOSHIBA-2SK2998_06 Datasheet
658Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com