Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3398 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3398
Description  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3398 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3398 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3398 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3398 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3398 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3398 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3398 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3398
2006-11-06
4
Case temperature
Tc (°C)
RDS (ON) − Tc
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth − Tc
Case temperature
Tc (°C)
PD − Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
50
10
30
20
40
0
0
80
120
160
200
40
0
2.5
0.5
1.5
1.0
2.0
−40
−80
160
0
40
80
0
−40
−80
160
0
40
80
ID = 12 A
6
Common source
VGS = 10 V
pulse test
3
0.1
100
0.3
3
30
−0.2
0
−1.2
−0.6
−0.4
−0.8
−1.0
10
5
1
VGS = 1 V
10
1
Common source
Tc
= 25°C
pulse test
3
100
300
1000
1
0.1
100
10
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
10
30
500
3000
0.3 0.5
3
5
30 50
5000
50
5
1
3
2
4
0
−80
0
40
80
120
160
−40
Common source
VDS = 10 V
ID = 1 mA
pulse test
600
100
300
200
400
0
0
24
6
16
12
20
0
400
VDD = 80 V
VGS
VDS
200
Common source
ID = 12 A
Tc
= 25°C
pulse test
500
10
20
30
40
50
60
8


Similar Part No. - 2SK3398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3398 TOSHIBA-2SK3398 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com