Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3301
Description  Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3301_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3301_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3301_06 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3301
2006-11-10
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSIII)
2SK3301
Switching Regulatorand DC-DC Converter Applications
• Low drain-source ON resistance: RDS (ON) = 15 Ω (typ.)
• High forward transfer admittance: |Yfs| = 0.65 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 720 V)
• Enhancement mode: Vth = 2.4~3.4 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
900
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
900
V
Gate-source voltage
VGSS
±30
V
DC (Note 1)
ID
1
Drain current
Pulse
(Note 1)
IDP
2
A
Drain power dissipation (Tc
= 25°C)
PD
20
W
Single pulse avalanche energy
(Note 2)
EAS
140
mJ
Avalanche current
IAR
1
A
Repetitive avalanche energy (Note 3)
EAR
2.0
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
6.25
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 257 mH, RG = 25 Ω,
IAR = 1 A
Note 3: Repetitive rating: pulse width limited by max junction
temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
JEDEC
JEITA
SC-64
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


Similar Part No. - 2SK3301_06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3301D ISC-2SK3301D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3301I ISC-2SK3301I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3301Q TOSHIBA-2SK3301Q Datasheet
150Kb / 3P
   Switching Regulatorand DC-DC Converter Applications
logo
Inchange Semiconductor ...
2SK3301T ISC-2SK3301T Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3301 TOSHIBA-2SK3301_10 Datasheet
150Kb / 3P
   Switching Regulatorand DC-DC Converter Applications
More results

Similar Description - 2SK3301_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3313 TOSHIBA-2SK3313_06 Datasheet
706Kb / 6P
   Silicon N Channel MOS Type Chopper Regulatorand DC−DC Converter Applications Motor Drive Applications
2SK3301 TOSHIBA-2SK3301_10 Datasheet
150Kb / 3P
   Switching Regulatorand DC-DC Converter Applications
2SK3301Q TOSHIBA-2SK3301Q Datasheet
150Kb / 3P
   Switching Regulatorand DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com