Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3176 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3176
Description  Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3176 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3176 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3176
2007-03-16
3
0
0
4
2
5
3
4
8
12
16
20
ID = 30 A
15
7.5
Common source
Tc
= 25°C
Pulse test
1
10
0
8
20
4
12
16
Common source
Tc
= 25°C
Pulse test
VGS = 3.4 V
3.8
4
6
8
15
5
0
2.0
0.8
0.4
1.2
1.6
3.6
15
0
0
20
50
20
8
10
30
40
Common source
Tc
= 25°C
Pulse test
4
12
16
4.8
3.8
8
VGS = 3.6 V
4.2
6
5
4.6
4.4
4
10
30
0
0
2
4
10
8
10
20
40
50
25
100
Tc
= −55°C
6
Common source
VDS = 10 V
Pulse test
VGS = 10 V
Common source
Tc
= 25°C
Pulse test
0.01
1
0.05
0.03
0.1
0.3
10
3
5
30
50
100
0.5
15
Common source
VDS = 10 V
Pulse test
1
0.3
10
5
3
30
50
1
10
0.5
3
5
100
100
Tc
= −55°C
100
25
30
50
ID – VDS
ID – VDS
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
ID – VGS
VDS – VGS
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
|Yfs| – ID
RDS (ON) – ID
Drain current ID (A)
Drain current ID (A)


Similar Part No. - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176 Datasheet
139Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3176 TOSHIBA-2SK3176 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3176 ISC-2SK3176 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176_09 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3443 TOSHIBA-2SK3443_06 Datasheet
169Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3846 TOSHIBA-2SK3846 Datasheet
182Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com