Electronic Components Datasheet Search |
|
CN1C221MT Datasheet(PDF) 4 Page - DB Lectro Inc |
|
CN1C221MT Datasheet(HTML) 4 Page - DB Lectro Inc |
4 / 13 page CORRESPONDING TO RoHS DIRECTIVE Aluminum electrolytic capacitors Chip type Radial lead type Snap-in type RoHS compliant Yes Yes Yes RoHS restricted substances Most concerns on terminals Plating on terminals Change plating from Sn-Pb to Sn Change plating from Sn-Pb to Sn Change plating from Sn-Pb to Sn Construction of terminals Fe/Cu/Sn Fe/Cu/Sn Fe/Cu/Sn Plating characters Plating thickness 12 m Plating type matte No heat treatment after plating Plating thickness 12 m Plating type matte No heat treatment after plating Plating thickness 10 m Plating type matte No heat treatment after plating Insulating sleeve No used Replace PVC with PET (where customer designated) Replace PVC with PET (where customer designated) Resistance to soldering heat Please see "Lead Free Reflow Soldering Condition" for chip type aluminum electrolytic capacitors No change No change Solderability No difference with Sn-Pb No difference with Sn-Pb No difference with Sn-Pb Tensile strength No difference with Sn-Pb No difference with Sn-Pb No difference with Sn-Pb Pb Whisker No difference with Sn-Pb Room storage test: 20~25 C, 30~80%RH, 4000hrs. Aging test: 60 5 C, 93 +2/-3%RH, 4000hrs. Thermal cycle test: -55 +0/-10 C to 85 +10/-0 C, 3 cycles/hour, 1000 cycles No difference with Sn-Pb Room storage test: 20~25 C, 30~80%RH, 4000hrs. Aging test: 60 5 C, 93 +2/-3%RH, 4000hrs. Thermal cycle test: -55 +0/-10 C to 85 +10/-0 C, 3 cycles/hour, 1000 cycles Whisker is not observed Room storage test: 20~25 C, 30~80%RH, 4000hrs. Aging test: 60 5 C, 93 +2/-3%RH, 4000hrs. Thermal cycle test: -55 +0/-10 C to 85 +10/-0 C, 3 cycles/hour, 1000 cycles Cr 6+ Plating material < 2ppm < 2ppm < 2ppm Hg < 2ppm < 2ppm < 2ppm Cd < 2ppm < 2ppm < 2ppm PBB Not detected Not detected Not detected PBDE Not detected Not detected Not detected Identification for RoHS compliance products Add "Pb free" or "RoHS" marking on inner and outer carton label (where customer designated) Add "Pb free" or "RoHS" marking on inner and outer carton label (where customer designated) Add "Pb free" or "RoHS" marking on inner and outer carton label (where customer designated) MSL Level (IPC/JEDEC J-STD-020C) Not available No need for dry package Not available No need for dry package Not available No need for dry package DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Similar Part No. - CN1C221MT |
|
Similar Description - CN1C221MT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |