Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS2C101MT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SS2C101MT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SS2C101MT Datasheet(HTML) 2 Page - DB Lectro Inc

  SS2C101MT Datasheet HTML 1Page - DB Lectro Inc SS2C101MT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
PERMISSIBLE RIPPLE CURRENT
mA (rms) at 120Hz 85°C
5
6
10
18
22
27
42
58
4 x 7
4 x 7
4 x 7
4 x 7
50
4 x 7
4 x 7
4 x 7
65
86
91
47
]
56
54
60
69
95
33
]
45
42
48
54
83
22
]
36
6.3 x 7
6.3 x 7
100
5 x 7
5 x 7
5 x 7
5 x 7
6.3 x 7
6.3 x 7
47
]
4 x 7
4 x 7
5 x 7
6.3 x 7
8 x 7
33
]
4 x 7
4 x 7
5 x 7
5 x 7
6.3 x 7
6.3 x 7
22
]
4 x 7
4 x 7
4 x 7
4 x 7
5 x 7
5 x 7
10
]
470
190
155
330
184
128
150
100
93
220
145
112
135
170
WV
uF
4.7
10
28
]
1
2.2
4
]
0.1
0.22
]
63
470
330
220
3.3
2.2
]
4.7
WV
uF
4
35
]
25
6.3
10
16
0.1
1
3.3
6.3
10
0.33
16
25
0.47
0.33
0.22
4 x 7
]
4 x 7
]
4 x 7
]
]
4 x 7
]
4 x 7
4 x 7
4 x 7
]
4 x 7
4 x 7
8 x 7
6.3 x 7
6.3 x 7
6.3 x 7
6.3 x 7
8 x 7
8 x 7
8 x 7
8 x 7
4
35
63
]
4
3
3
50
]
]
6
0.47
]
7
12
20
25
]
]
31
47
60
73
80
102
34
31
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SS2C101MT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS2C EIC-SS2C Datasheet
32Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
SS2C SYNSEMI-SS2C Datasheet
42Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SS2C EIC-SS2C Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SS2C SUNMATE-SS2C Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - SS2C101MT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com