Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR2D221MT Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HR2D221MT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HR2D221MT Datasheet(HTML) 1 Page - DB Lectro Inc

  HR2D221MT Datasheet HTML 1Page - DB Lectro Inc HR2D221MT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Load life of 5000 hours at 105°C
Applications for switching power supplies
Low impedance and low ESR with high ripple current
OUTLINE
mm
D
8
10
13
16
18
F
3.5
d
SPECIFICATIONS
5.0
7.5
0.6
W.V.
10 ~ 16
25 ~ 100
0.8
125
10
16
32
44
S.V.
W.V.
25
13
20
Leakage Current (25°C)
(After 3 minutes applying the DC working voltage)
I
≤ 0.01CV
63
100
10
16
I : Leakage Current (u A)
W.V.
C : Rated Capacitance (u F)
Characteristics
Items
Operation Temperature
Rated Working Voltage Range
10 ~ 100Vdc
Capacitance Tolerance
-40°C ~ +105°C
(120Hz, 25°C)
± 20% (M)
≤ 200% of initial specified value
After 1000 hours, no voltage applied at +105°C, the capacitor shall meet the following limits:
Capacitance Change
≤ ± 25% of initial value
tan
δ
≤ 150% of initial specified value
≤ initial specified value
≤ 150% of initial specified value
0.08
0.07
0.06
- 25°C / + 25°C
3
tan
δ
0.12
0.10
4
V : Working Voltage (V)
25
35
50
63
79
35
50
63
Surge Voltage (25°C)
Temperature Characteristics
Impedance ratio at 120Hz
Leakage Current
Capacitance Change
tan
δ
Leakage Current
Load Test
0.06
After 2000 hours application of WV at +105°C, the capacitor shall meet the following limits:
(3000 hours for 10
φ and 13φ, 5000 hours for 16φ and larger)
Dissipation Factor (120Hz, 25°C)
100
Shelf Test
≤ ± 25% of initial value
2
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F
0.09
- 40°C / + 25°C
6
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
HR Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HR2D221MT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
HR2000GS MPS-HR2000GS Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Hirose Electric
HR21-27TP-6P HIROSE-HR21-27TP-6P Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PX HIROSE-HR21-27TP-6PX Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PY HIROSE-HR21-27TP-6PY Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
More results

Similar Description - HR2D221MT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com