Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL2D470MT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HL2D470MT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HL2D470MT Datasheet(HTML) 2 Page - DB Lectro Inc

  HL2D470MT Datasheet HTML 1Page - DB Lectro Inc HL2D470MT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
RC: mA (rms) at 120Hz 105°C
PERMISSIBLE RIPPLE CURRENT
Imp: m
Ω (ohm) at 100KHz 25°C
WV
uF
Item
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
]
60
6.50
]
80
3.60
]
105
3.50
100
3.00
105
2.90
110
3.00
160
1.52
160
1.52
165
2.40
165
2.10
185
1.32
200
1.75
190
1.30
210
0.98
210
1.90
230
1.00
230
0.95
275
1.20
265
0.93
265
0.93
282
1.70
313
0.74
300
0.75
340
0.96
355
0.61
355
0.61
385
0.79
410
0.49
420
0.49
460
0.80
475
0.28
475
0.28
520
0.64
530
0.40
545
0.36
637
0.22
650
0.22
645
0.44
750
0.22
780
0.22
820
0.35
960
0.22
450
68
47
33
22
10
4.7
]
16 x 26
16 x 31
400
10 x 20
350
200
250
]
]
10 x 20
10 x 20
WV
uF
160
3.3
3.3
10 x 20
150
220
100
10 x 20
13 x 20
13 x 20
10 x 20
10 x 20
13 x 20
13 x 20
16 x 26
13 x 25
13 x 20
16 x 26
13 x 25
16 x 31
13 x 20
18 x 31
13 x 20
13 x 25
13 x 20
13 x 25
16 x 26
13 x 25
16 x 26
16 x 31
18 x 35
18 x 41
16 x 26
16 x 31
18 x 31
18 x 41
18 x 31
330
330
100
18 x 31
150
220
4.7
33
47
68
18 x 31
16 x 31
16 x 35
16 x 31
18 x 41
10
22
450
400
350
250
200
160
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HL2D470MT

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HL2D471MCXS3WPEC AICTECH-HL2D471MCXS3WPEC Datasheet
87Kb / 4P
   Useful of 8,000 hours at 105ºC
HL2D471MCYS2WPEC AICTECH-HL2D471MCYS2WPEC Datasheet
87Kb / 4P
   Useful of 8,000 hours at 105ºC
HL2D471MLV45EC AICTECH-HL2D471MLV45EC Datasheet
817Kb / 3P
   Useful of 5,000 hours at 105ºC
More results

Similar Description - HL2D470MT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com