Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP86CM49UG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMP86CM49UG
Description  8 Bit Microcontroller
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM49UG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMP86CM49UG Datasheet HTML 1Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 2Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 3Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 4Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 5Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 6Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 7Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 8Page - Toshiba Semiconductor TMP86CM49UG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 252 page
background image
TMP86CM49UG
Differences in Electrical Characteristics
Note 1: With the 86CS49, the operating temperature (Topr) is -20
°C to 85 °C when the supply voltage VDD is less than
2.0 V.
Note 2: With the 86FS49, the supply voltage VDD is specified as two separate ranges. While the MCU is operating, do not
change the supply voltage from range (a) to range (b) or from range (b) to range (a).
Note 3: With the 86FS49A, the operating temperature (Topr) is -20
°C to 85 °C when the supply voltage VDD is less than
3.0 V.
Note 4: With the 86FS49A/B, when a program is executing in the Flash memory or when data is being read from the Flash
memory, the Flash memory operates in an intermittent manner causing peak currents in the Flash memory
momentarily, as shown in Figure. In this case, the supply current IDD (in NORMAL1, NORMAL2 and SLOW1
modes) is defined as the sum of the average peak current and MCU current.
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
2.0
(a)
(b)
(Note 1)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(b)
(Note 2)
(a)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
(a)
(b)
(Note 3)
[MHz]
[V]
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
(a)
[MHz]
[V]
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
3.6
2.7
1.8
2
4.2
8
16
[MHz]
[V]
(a)
(a) 1.8V to 5.5V (-40 to 85°C)
(a) 2.0V to 5.5V (-40 to 85°C)
(a) 4.5V to 5.5V (-40 to 85°C)
(a) 3.0V to 5.5V (-40 to 85°C)
(a) 2.7V to 5.5V (-40 to 85°C)
(b) 1.8V to 2.0V (-20 to 85°C)
(b) 3.0V to 3.6V (-40 to 85°C)
(b) 2.7V to 3.0V (-20 to 85°C)
86CH49
86CM49
86CS49
86FS49
86FS49A
86FS49B
86PM49
-
-
(a) 4.5V to 5.5V (-10 to 40°C)
-
-
(a) 4.5V to 5.5V (-10 to 40°C)
-
-
-
-
(Note 4)
Operating current varies with each product. For details, refer to the datasheet (electrical characteristics) of each product.
n
Program counter (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary Flash current
Max. current
Sum of average momentary
Flash current and MCU current
Intermittent Operation of Flash Memory


Similar Part No. - TMP86CM49UG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86CM49FG TOSHIBA-TMP86CM49FG Datasheet
2Mb / 252P
   8 Bit Microcontroller
TMP86CM49NG TOSHIBA-TMP86CM49NG Datasheet
2Mb / 252P
   8 Bit Microcontroller
More results

Similar Description - TMP86CM49UG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com