Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2E470KT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # EL2E470KT
Description  CHIP TYPE, LONG LIFE ASSURANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

EL2E470KT Datasheet(HTML) 2 Page - DB Lectro Inc

  EL2E470KT Datasheet HTML 1Page - DB Lectro Inc EL2E470KT Datasheet HTML 2Page - DB Lectro Inc EL2E470KT Datasheet HTML 3Page - DB Lectro Inc EL2E470KT Datasheet HTML 4Page - DB Lectro Inc EL2E470KT Datasheet HTML 5Page - DB Lectro Inc EL2E470KT Datasheet HTML 6Page - DB Lectro Inc EL2E470KT Datasheet HTML 7Page - DB Lectro Inc EL2E470KT Datasheet HTML 8Page - DB Lectro Inc EL2E470KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EL Series
F
6.3
10
16
25
35
50
0.1
4 x 5.8
0.7
0.22
4 x 5.8
1.6
0.33
4 x 5.8
2.5
0.47
4 x 5.8
3.5
1
4 x 5.8
7
2.2
4 x 5.8
11
3.3
4 x 5.8
13
4.7
4 x 5.8
13
4 x 5.8
14
5 x 5.8
16
10
4 x 5.8
18
5 x 5.8
20
5 x 5.8
21
6.3 x 5.8
24
22
4 x 5.8
22
5 x 5.8
25
5 x 5.8
27
6.3 x 5.8
36
6.3 x 5.8
38
6.3 x 5.8
32
33
5 x 5.8
27
5 x 5.8
30
6.3 x 5.8
40
6.3 x 5.8
44
6.3 x 5.8
42
6.3 x 7.7
60
47
5 x 5.8
33
6.3 x 5.8
41
6.3 x 5.8
48
6.3 x 5.8
48
6.3 x 5.8
49
6.3 x 7.7
63
100
6.3 x 5.8
50
6.3 x 5.8
53
6.3 x 5.8
60
6.3 x 7.7
91
8 x 10.5
130
8 x 10.5
140
150
6.3 x 5.8
55
6.3 x 7.7
105
6.3 x 7.7
95
8 x 10.5
140
8 x 10.5
155
10 x 10.5
315
220
6.3 x 7.7
100
6.3 x 7.7
105
6.3 x 7.7
105
8 x 10.5
175
10 x 10.5
315
330
6.3 x 7.7
105
8 x 10.5
196
8 x 10.5
196
10 x 10.5
315
470
8 x 10.5
210
8 x 10.5
210
10 x 10.5
315
680
8 x 10.5
210
10 x 10.5
315
10 x 10.5
315
1000
10 x 10.5
315
10 x 10.5
315
Case
size
Ripple
current
Frequency
Cap. ( F)
50Hz
120Hz
300Hz
1KHz
10KHz~
~ 47
0.70
1.00
1.17
1.36
1.50
100 ~ 1000
0.85
1.00
1.08
1.20
1.30
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm), ripple current (mA rms) at 105°C 120Hz
1500
10 x 10.5
315
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - EL2E470KT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EL2-P35 PHOENIX-EL2-P35 Datasheet
66Kb / 2P
   Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay socket PR2, for 35 mm high industrial relay
logo
Axiomtek Co., Ltd.
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
   10/100BASE-TX to 100BASE-BX WDM Media Converter
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001ACN INTERSIL-EL2001ACN Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
More results

Similar Description - EL2E470KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
PLS NICHICON-PLS Datasheet
990Kb / 2P
   Radial Lead Type, Long Life Assurance
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
   Chip Type, LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com