Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ680 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SJ680
Description  Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ680 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SJ680 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ680
2006-11-17
5
Pulse width tw (S)
rth – tw
Drain-source voltage VDS (V)
Safe operating area
0.001
10
μ
100
μ
1 m
10 m
100 m
1
10
100
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6.25°C/W
Duty
= 0.5
0.2
0.1
0.05
0.02
0.01
Single pulse
ID max (pulse) *
DC
operation
100
μs*
1 ms*
VDSS max
−0.005
−0.1
−0.3
−1
−3
−10
−30
−100
−300
−0.01
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
−30
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
Channel temperature Tch (°C)
EAS – Tch
0
25
20
40
60
100
80
50
75
100
125
150
−15 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = −50 V, L = 25.2 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS


Similar Part No. - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ680 TOSHIBA-2SJ680 Datasheet
219Kb / 5P
   Field Effect Transistor Silicon P-Channel MOS Type (?-MOS V)
2SJ680 TOSHIBA-2SJ680 Datasheet
180Kb / 6P
   Switching Applications
2SJ680 TOSHIBA-2SJ680 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ680 TOSHIBA-2SJ680_09 Datasheet
180Kb / 6P
   Switching Applications
More results

Similar Description - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ512 TOSHIBA-2SJ512_06 Datasheet
780Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537_06 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ525 TOSHIBA-2SJ525_06 Datasheet
158Kb / 3P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com