Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ2A330KT Datasheet(PDF) 3 Page - DB Lectro Inc

Part # FZ2A330KT
Description  CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FZ2A330KT Datasheet(HTML) 3 Page - DB Lectro Inc

  FZ2A330KT Datasheet HTML 1Page - DB Lectro Inc FZ2A330KT Datasheet HTML 2Page - DB Lectro Inc FZ2A330KT Datasheet HTML 3Page - DB Lectro Inc FZ2A330KT Datasheet HTML 4Page - DB Lectro Inc FZ2A330KT Datasheet HTML 5Page - DB Lectro Inc FZ2A330KT Datasheet HTML 6Page - DB Lectro Inc FZ2A330KT Datasheet HTML 7Page - DB Lectro Inc FZ2A330KT Datasheet HTML 8Page - DB Lectro Inc FZ2A330KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EXPLANATION OF PART NUMBERS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
(17, 18)
Lead Shape
Code
Standard
00
Not standard
01
Length after cut is 3mm
30
Length after cut is 4.5mm
45
Length after cut is 5mm
50
Length after cut is 7.5mm
75
Length after cut is 10mm
1A
(15)
Sleeve
Code
PVC sleeve (White printing)
W
PVC sleeve (Black printing)
B
PVC sleeve (Golden printing)
G
PVC sleeve (Silver printing)
A
PET sleeve (Green colour
white printing)
1
PET sleeve (Purple colour
white printing)
2
PET sleeve (Yellow colour
black printing)
3
(16)
Rubber
Code
Plane
P
Convexity
T
(1, 2)
Series
CS
CK
SC
CN
KP
LZ
KZ
FZ
EL
KL
KH
HU
RA
RN
RT
RK
RM
RS
LA
LK
LM
LS
NP
NK
NM
NS
BP
TM
TN
SM
SK
(3, 4)
Vol.
(WV)
Code
20D
40G
6.3
0J
10
1A
16
1C
25
1E
35
1V
40
1G
50
1H
63
1J
100
2A
160
2C
200
2D
250
2E
315
2F
330
2U
350
2V
400
2G
450
2W
(5~7)
Cap.
( F)
Code
0.1
0R1
0.22
R22
0.33
R33
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
33
330
47
470
100
101
220
221
330
331
470
471
1000
102
2200
222
3300
332
4700
472
10000
103
22000
223
(8)
Tol.
(%)
Code
+10
-10
K
+15
-15
L
+20
-20
M
(10)
Type
Code
Chip
C
Radial
R
Radial Taping
T
Snap-in
S
(12)
Dia.
( )
Code
3S
4C
5D
6.3
E
8F
10
G
12
H
12.5
I
13
J
13.5
V
14.5
A
16
K
18
L
20
M
22
N
25
O
30
P
35
Q
40
R
(13, 14)
Length
(mm)
Code
505
5.4
54
5.8
58
707
7.7
77
909
10.5
10
11
11
12
12
14
14
16
16
20
20
21
21
25
25
26
26
31
31
35
35
36
36
40
40
46
46
(11)
Type
Descriptions
Code
Chip
Taping & Reel
R
Bulk
B
Taping (Forming)
A
Taping (Straight)
S
Lead Cut
C
Lead Forming Cut
F
Lead Forming Only
M
Kinked Forming Cut
K
Kinked Straight Cut
Y
Snap-
in
Lead Snap-in
W
Series
Voltage (WV)
Capacitance ( F)
Cap.
Tol.(%)
Type
Lead
Process
Dia.( )
Length (mm)
Sleeve
Rubber
Lead Shape
Chip Type
Dash
_
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FZ2A330KT

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
FZ20-300 POWERVOLT-FZ20-300 Datasheet
458Kb / 1P
   CIRCUIT MOUNT, LOW PROFILE POWER TRANSFORMER
logo
Infineon Technologies A...
FZ2000R33HE4 INFINEON-FZ2000R33HE4 Datasheet
739Kb / 10P
   IHM-B Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
V2.1 2019-07-24
logo
Power Integrations, Inc...
FZ2000R33HE4 POWERINT-FZ2000R33HE4 Datasheet
238Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-05-13
logo
List of Unclassifed Man...
FZ200R65KF1 ETC2-FZ200R65KF1 Datasheet
128Kb / 6P
   SCALE High Voltage IGBT Driver
logo
Infineon Technologies A...
FZ200R65KF2 INFINEON-FZ200R65KF2 Datasheet
255Kb / 8P
   IGBT-modules
2008-02-28 revision:3.0
More results

Similar Description - FZ2A330KT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
RUBYCON CORPORATION
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com