Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2A220KT Datasheet(PDF) 8 Page - DB Lectro Inc

Part # EL2A220KT
Description  CHIP TYPE, LONG LIFE ASSURANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

EL2A220KT Datasheet(HTML) 8 Page - DB Lectro Inc

Back Button EL2A220KT Datasheet HTML 4Page - DB Lectro Inc EL2A220KT Datasheet HTML 5Page - DB Lectro Inc EL2A220KT Datasheet HTML 6Page - DB Lectro Inc EL2A220KT Datasheet HTML 7Page - DB Lectro Inc EL2A220KT Datasheet HTML 8Page - DB Lectro Inc EL2A220KT Datasheet HTML 9Page - DB Lectro Inc EL2A220KT Datasheet HTML 10Page - DB Lectro Inc EL2A220KT Datasheet HTML 11Page - DB Lectro Inc EL2A220KT Datasheet HTML 12Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Do not locate any circuit pattern beneath the capacitor end seal.
11) Do not design a circuit board so that heat generating components are placed near an aluminum
electrolytic capacitor or reserve side of PC board (under the capacitor).
12) Please refer to the pad size layout recommendations in our catalogue when designing in surface
mount capacitors.
13) Electrical characteristics may vary depending on changes in temperature and frequency. Please
consider the variation when you design circuits.
14) When you install more than 2 capacitors in parallel, consider the balance of current following in to the
capacitor.
2. Mounting
1) Once a capacitor has been assembled in the set and power applied, do not attempt to re-use the
capacitor in other circuits or application.
2) Electric potential between positive and negative terminal may exist as a result of returned
electromotive force, so please discharge the capacitor using 1K resistor.
3) Leakage current of the parts that have stored for long period may increase. When leakage current
has increased, please perform a voltage treatment using a 1K resistor.
4) Please confirm rating and polarity before installing capacitor on the PC board.
5) Be careful not to deform the capacitor during installation.
6) Please confirm that the lead spacing of the capacitor matches the pad spacing of the PC board prior
to installation.
7) Please pay attention to the mechanical shock to the capacitor by suction nozzle of the automatic
insertion machine or automatic mounted, or by product checker, or by centering mechanism.
8) Reflow soldering: Please see "Lead Free Reflow Soldering Condition" for chip type aluminum
9) Do not tilt, lay down or twist the capacitor body after the capacitors are soldered to the PC board.
10) Do not carry the PC board by grasping the soldered capacitor.
11) Please do not allow anytime to touch the capacitor after soldering. If PC board are stored in stack,
please make sure PC board or the other components do not touch the capacitor. The capacitor shall
not be effected by any radiated heat from the soldered PC board or other components after
soldering.
12) Cleaning
Do not clean capacitors with halogenated cleaning agent. However, if it is necessary to clean with
halogenated cleaning agent, please contact our sales office.
Recommended cleaning method:
Applicable
: Any type, any ratings
10) The main chemical solution of the electrolyte and the separator paper in the capacitor are
combustible. The electrolyte is conductive. When it comes in contact with the PC board, there is a
possibility of pattern or short circuit between the circuit pattern, which could result in smoking or fire.
Cleaning agents : Pine Alpha ST-100S, cleaning through 750H/750L/710M, Sanelek B-12, Aqua
Cleaner 210SEP, Techno Care FRW14~17, Isopropyl Alcohol.
electrolytic capacitors (page 8).
9) When designing a circuit board, please pay attention to the following:
Make the pad spacing on the PC board matching with the lead space of the capacitor.
There should not be any circuit pattern or circuit wire above the capacitor safety vent.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - EL2A220KT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EL2-P35 PHOENIX-EL2-P35 Datasheet
66Kb / 2P
   Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay socket PR2, for 35 mm high industrial relay
logo
Axiomtek Co., Ltd.
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
   10/100BASE-TX to 100BASE-BX WDM Media Converter
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001ACN INTERSIL-EL2001ACN Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
More results

Similar Description - EL2A220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
PLS NICHICON-PLS Datasheet
990Kb / 2P
   Radial Lead Type, Long Life Assurance
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
   Chip Type, LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com