Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK2D100KT Datasheet(PDF) 10 Page - DB Lectro Inc

Part # CK2D100KT
Description  CHIP TYPE, WIDE TEMPERATURE RANGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CK2D100KT Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button CK2D100KT Datasheet HTML 5Page - DB Lectro Inc CK2D100KT Datasheet HTML 6Page - DB Lectro Inc CK2D100KT Datasheet HTML 7Page - DB Lectro Inc CK2D100KT Datasheet HTML 8Page - DB Lectro Inc CK2D100KT Datasheet HTML 9Page - DB Lectro Inc CK2D100KT Datasheet HTML 10Page - DB Lectro Inc CK2D100KT Datasheet HTML 11Page - DB Lectro Inc CK2D100KT Datasheet HTML 12Page - DB Lectro Inc CK2D100KT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CK2D100KT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CK2-5-EWZ PHOENIX-CK2-5-EWZ Datasheet
76Kb / 2P
   Contact removal tool, for turned and rolled CK- 2.5-... contacts
logo
List of Unclassifed Man...
CK2020 ETC-CK2020 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203026 ETC-CK203026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203060 ETC-CK203060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203075 ETC-CK203075 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CK2D100KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
   Wide Operating Temperature Range Type
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com