Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77227DGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS77227DGKG4
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77227DGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS77227DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 9Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 10Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 11Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 12Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 13Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 14Page - Texas Instruments TPS77227DGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
f – Frequency – Hz
10
100
100k
10M
10
1
10k
1k
TPS77x33
OUTPUT IMPEDANCE
vs
FREQUENCY
0.1
0.01
1M
IO = 1 mA
IO = 150 mA
Figure 9
Figure 10
100
50
0
2.7
3.2
3.7
4.2
150
200
250
4.7
TPS77x01
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI – Input Voltage – V
TJ = 125 °C
TJ = –40 °C
TJ = 25 °C
IO = 150 mA
Figure 11
–50
0
50
100
150
200
250
300
–40
0
40
80
120
160
TPS77x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
IO = 150 mA
IO = 10 mA
IO = 0 A


Similar Part No. - TPS77227DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77227DGK TI-TPS77227DGK Datasheet
357Kb / 23P
[Old version datasheet]   150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77227DGK TI-TPS77227DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77227DGK TI1-TPS77227DGK Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77227DGKR TI-TPS77227DGKR Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77227DGKRG4 TI-TPS77227DGKRG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77227DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com