Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1V100KT Datasheet(PDF) 3 Page - DB Lectro Inc

Part # CN1V100KT
Description  CHIP TYPE, NON-POLARIZED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CN1V100KT Datasheet(HTML) 3 Page - DB Lectro Inc

  CN1V100KT Datasheet HTML 1Page - DB Lectro Inc CN1V100KT Datasheet HTML 2Page - DB Lectro Inc CN1V100KT Datasheet HTML 3Page - DB Lectro Inc CN1V100KT Datasheet HTML 4Page - DB Lectro Inc CN1V100KT Datasheet HTML 5Page - DB Lectro Inc CN1V100KT Datasheet HTML 6Page - DB Lectro Inc CN1V100KT Datasheet HTML 7Page - DB Lectro Inc CN1V100KT Datasheet HTML 8Page - DB Lectro Inc CN1V100KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EXPLANATION OF PART NUMBERS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
(17, 18)
Lead Shape
Code
Standard
00
Not standard
01
Length after cut is 3mm
30
Length after cut is 4.5mm
45
Length after cut is 5mm
50
Length after cut is 7.5mm
75
Length after cut is 10mm
1A
(15)
Sleeve
Code
PVC sleeve (White printing)
W
PVC sleeve (Black printing)
B
PVC sleeve (Golden printing)
G
PVC sleeve (Silver printing)
A
PET sleeve (Green colour
white printing)
1
PET sleeve (Purple colour
white printing)
2
PET sleeve (Yellow colour
black printing)
3
(16)
Rubber
Code
Plane
P
Convexity
T
(1, 2)
Series
CS
CK
SC
CN
KP
LZ
KZ
FZ
EL
KL
KH
HU
RA
RN
RT
RK
RM
RS
LA
LK
LM
LS
NP
NK
NM
NS
BP
TM
TN
SM
SK
(3, 4)
Vol.
(WV)
Code
20D
40G
6.3
0J
10
1A
16
1C
25
1E
35
1V
40
1G
50
1H
63
1J
100
2A
160
2C
200
2D
250
2E
315
2F
330
2U
350
2V
400
2G
450
2W
(5~7)
Cap.
( F)
Code
0.1
0R1
0.22
R22
0.33
R33
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
33
330
47
470
100
101
220
221
330
331
470
471
1000
102
2200
222
3300
332
4700
472
10000
103
22000
223
(8)
Tol.
(%)
Code
+10
-10
K
+15
-15
L
+20
-20
M
(10)
Type
Code
Chip
C
Radial
R
Radial Taping
T
Snap-in
S
(12)
Dia.
( )
Code
3S
4C
5D
6.3
E
8F
10
G
12
H
12.5
I
13
J
13.5
V
14.5
A
16
K
18
L
20
M
22
N
25
O
30
P
35
Q
40
R
(13, 14)
Length
(mm)
Code
505
5.4
54
5.8
58
707
7.7
77
909
10.5
10
11
11
12
12
14
14
16
16
20
20
21
21
25
25
26
26
31
31
35
35
36
36
40
40
46
46
(11)
Type
Descriptions
Code
Chip
Taping & Reel
R
Bulk
B
Taping (Forming)
A
Taping (Straight)
S
Lead Cut
C
Lead Forming Cut
F
Lead Forming Only
M
Kinked Forming Cut
K
Kinked Straight Cut
Y
Snap-
in
Lead Snap-in
W
Series
Voltage (WV)
Capacitance ( F)
Cap.
Tol.(%)
Type
Lead
Process
Dia.( )
Length (mm)
Sleeve
Rubber
Lead Shape
Chip Type
Dash
_
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CN1V100KT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN1 CDIL-CN1 Datasheet
258Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Tyco Electronics
CN1 MACOM-CN1 Datasheet
43Kb / 1P
   On Delay, Time Delay Relay For Plug-In or Panel Mounting
logo
Japan Aviation Electron...
CN10 JAE-CN10 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB-M-0-R JAE-CN10-RB-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB1-M-0-R JAE-CN10-RB1-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
More results

Similar Description - CN1V100KT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Assmann Electronics Inc...
AK500-U-3-R ASSMANN-AK500-U-3-R Datasheet
96Kb / 1P
   Power cord - SPT2 Non-Polarized
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
CW Industries
GRS-2011-3020 CWIND-GRS-2011-3020 Datasheet
24Kb / 1P
   ASSEMBLY DWG, S.P.S.T. ROCKER NON-POLARIZED 1.072 x .480 PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com