Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS1A101MR Datasheet(PDF) 2 Page - DB Lectro Inc

Part # ZS1A101MR
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ZS1A101MR Datasheet(HTML) 2 Page - DB Lectro Inc

  ZS1A101MR Datasheet HTML 1Page - DB Lectro Inc ZS1A101MR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
RC: mA (rms) at 100KHz 105°C
RIPPLE CURRENT & IMPEDANCE
Imp:
Ω (ohm) at 100KHz 25°C
WV
uF
Item
R.C
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
]
48
4.05
]
65
3.39
]
70
3.27
110
2.43
]
60
2.13
85
1.76
105
1.73
130
1.26
65
1.62
95
1.55
130
1.12
135
1.08
155
0.92
100
1.45
110
1.02
140
0.85
160
0.8
165
0.74
115
0.97
150
0.88
170
0.67
175
0.64
155
0.8
185
0.63
190
0.6
200
0.46
RIPPLE CURRENT COEFFICIENTS
45
65
85
105
0.35
0.45
0.75
0.90
1.00
2.40
2.15
1.70
1.00
0.60
0.70
0.85
0.95
1.00
1K
10K
100K
4.7 ~ 33
47 ~ 220
Hz
uF
60(50)
120
Temperature(°C)
Multiplier
6.3
220
33
100
10
68
10
47
4.7
6.8
220
68
47
8 x 7
100
WV
uF
35
25
]
6.3
10
16
4.7
33
22
10
6.8
4 x 7
5 x 7
4 x 7
16
]
]
5 x 7
6.3 x 7
5 x 7
4 x 7
5 x 7
]
8 x 7
6.3 x 7
4 x 7
5 x 7
8 x 7
4 x 7
5 x 7
6.3 x 7
6.3 x 7
5 x 7
6.3 x 7
8 x 7
8 x 7
6.3 x 7
8 x 7
8 x 7
35
22
8 x 7
25
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - ZS1A101MR

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS1-06N-S YAMAICHI-ZS1-06N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
ZS1-08N-S YAMAICHI-ZS1-08N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
ZS1-10N-S YAMAICHI-ZS1-10N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
ZS1-12N-S YAMAICHI-ZS1-12N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
ZS1-14N-S YAMAICHI-ZS1-14N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
More results

Similar Description - ZS1A101MR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com