Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1V100MR Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SR1V100MR
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SR1V100MR Datasheet(HTML) 2 Page - DB Lectro Inc

  SR1V100MR Datasheet HTML 1Page - DB Lectro Inc SR1V100MR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
WV
uF
]
5x11
5x11
5x11
]
5x11
5x11
5x11
]
5x11
5x11
5x11
]
5x11
5x11
5x11
5x11
6.3x11
6.3x11
6.3x11
6.3x11
6.3x11
]
5x11
5x11
5x11
5x11
6.3x11
6.3x11
6.3x11
8x12
8x12
]
5x11
5x11
5x11
6.3x12
6.3x12
6.3x12
8x12
8x12
10x12
]
5x11
5x11
5x11
6.3x12
6.3x12
8x12
10x12
10x12
10x16
]
5x11
5x11
5x11
6.3x12
8x12
8x12
10x15
10x16
10x20
]
5x11
5x11
5x11
5x11
5x11
6.3x11
8x12
10x12
10x15
10x20
10x20
13x25
]
5x11
5x11
5x11
5x11
6.3x11
8x12
10x16
10x16
10x20
13x20
13x25
16x26
]
5x11
5x11
5x11
6.3x11
8x12
8x14
10x20
10x20
13x20
13x25
16x26
16x31
]
5x11
5x11
5x11
6.3x11
6.3x11
8x12
10x16
13x20
13x20
13x25
16x26
16x31
18x35
5x11
5x11
5x11
6.3x11
6.3x12
8x12
8x12
10x12
10x20
16x26
16x26
16x31
18x41
22x32
5x11
6.3x11
6.3x12
8x12
8x12
8x16
10x15
10x16
13x25
16x35
18x35
22x36
6.3x11
6.3x12
8x12
8x14
10x12
10x15
10x16
10x20
16x26
20x35
22x36
6.3x12
8x12
8x12
8x16
10x16
10x20
10x20
13x20
16x31
22x36
22x42
8x14
8x14
10x16
10x20
13x20
13x25
13x25
16x31
20x35
10x16
10x20
13x20
13x25
16x26
16x31
16x35
18x41
25x43
10x20
13x20
13x25
16x26
16x35
18x31
18x35
20x41
13x20
13x25
16x26
16x35
18x35
20x35
22x36
25x43
16x26
16x26
16x31
18x35
22x42
16x26
16x35
31x35
22x42
25x43
PERMISSIBLE RIPPLE CURRENT
mA (rms) at 120Hz 85°C
WV
uF
]
10
10
12
]
10
10
12
]
10
10
12
]
12
12
13
12
13
14
15
15
15
]
18
18
22
17
19
21
22
22
22
]
27
28
34
26
32
35
34
34
35
]
34
36
42
35
37
44
42
45
47
]
43
45
48
42
50
56
50
63
73
]
55
57
61
65
67
80
76
81
90
89
115
110
]
86
90
95
98
112
137
127
143
160
150
170
160
]
105
110
124
127
135
180
170
185
195
190
200
210
]
124
124
128
150
155
185
240
225
235
260
240
260
280
130
150
157
195
200
251
260
290
390
380
390
440
410
480
195
248
255
325
370
390
455
470
690
675
740
810
295
310
370
405
460
480
520
690
850
840
880
320
410
440
510
580
700
710
920
1110
1060
1270
590
610
750
925
1110
1230
1290
1505
1635
846
1070
1360
1500
1540
1780
2000
2210
2450
1100
1440
1590
1670
2155
2260
2307
2660
1390
1735
1915
2225
2405
2730
2800
3010
1890
1990
2335
2590
3100
1970
2350
2620
3280
3860
6800
10000
1000
2200
3300
4700
100
220
330
470
10
22
33
47
1
2.2
3.3
4.7
0.1
0.22
0.33
0.47
250
350
400
450
63
100
160
200
25
35
40
50
10000
6.3
10
16
2200
3300
4700
6800
220
330
470
1000
22
33
47
100
2.2
3.3
4.7
10
0.22
0.33
0.47
1
50
40
35
0.1
16
25
6.3
10
450
400
350
250
200
160
100
63
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
SR Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SR1V100MR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
STMicroelectronics
SR1 STMICROELECTRONICS-SR1 Datasheet
488Kb / 21P
   Integrated test mode
logo
CUI INC
SR1 CUI-SR1 Datasheet
459Kb / 5P
   SIGNAL RELAY
06/07/2022
logo
TiMOTION Technology Co....
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
   Max. load 4,000N (push/pull)
20230509-B
logo
CUI Devices
SR1 CUID-SR1 Datasheet
421Kb / 5P
   SIGNAL RELAY
10/27/2022
More results

Similar Description - SR1V100MR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com