Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38503TSX-ADJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38503TSX-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38503TSX-ADJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP38503TSX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP38503TSX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25°C, VIN = 2.7V, VEN = VIN,
C
IN = 10 µF, COUT = 10 µF, IOUT = 10 mA, VOUT = 1.8V
Noise Density
30028110
Noise Density
30028114
I
GND vs Load Current
30028111
I
GND(OFF) vs Temperature
30028112
V
ADJ vs Temperature
30028113
Dropout Voltage vs Load Current
30028115
www.national.com
6


Similar Part No. - LP38503TSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38503TSX-ADJ/NOPB TI1-LP38503TSX-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38503TSX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
logo
New Japan Radio
NJW4111 NJRC-NJW4111 Datasheet
184Kb / 1P
   5.5V/3A Low Dropout Voltage Regulator
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
   2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com